Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF3560 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAF3560
Description  Terrestrial digital radio processor Providing new data services
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF3560 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAF3560 Datasheet HTML 1Page - NXP Semiconductors SAF3560 Datasheet HTML 2Page - NXP Semiconductors SAF3560 Datasheet HTML 3Page - NXP Semiconductors SAF3560 Datasheet HTML 4Page - NXP Semiconductors SAF3560 Datasheet HTML 5Page - NXP Semiconductors SAF3560 Datasheet HTML 6Page - NXP Semiconductors SAF3560 Datasheet HTML 7Page - NXP Semiconductors SAF3560 Datasheet HTML 8Page - NXP Semiconductors SAF3560 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SAF3560_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product short data sheet
Rev. 03 — 15 September 2010
3 of 20
NXP Semiconductors
SAF3560
Terrestrial digital radio processor
2.4 Other peripheral interfaces
Two I2C-bus interfaces
Three Serial Peripheral Interfaces (SPI)
One UART interface
Five individual GPIO pins for applications and diagnostics
One JTAG interface for diagnostics
2.5 Miscellaneous
One internal clock oscillator and two internal Phase-Locked Loops (PLL)
Powerful signal and audio processing core architecture
Qualified in accordance with AEC-Q100
3.
Quick reference data
[1]
Through pins VDDA(OSC)(1V2), VDDA(PLL)(1V2), VDDD(C)(1V2) and VDDD(MEM)(1V2).
[2]
Through pins VDDD(DAB)(3V3), VDDD(DSP)(3V3), VDDD(JTAG)(3V3), VDDD(MC)(3V3) and VDDD(SDRAM)(3V3).
Table 1.
Power supply characteristics
After power-up the SAF3560 needs a reset pulse for at least 2 ms.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltages
VDDA(OSC)(1V2)
oscillator analog supply voltage (1.2 V)
1.14
1.2
1.32
V
VDDA(PLL)(1V2)
PLL analog supply voltage (1.2 V)
1.14
1.2
1.32
V
VDDD(C)(1V2)
core digital supply voltage (1.2 V)
1.14
1.2
1.32
V
VDDD(DAB)(3V3)
DAB digital supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDD(DSP)(3V3)
DSP digital supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDD(JTAG)(3V3)
JTAG digital supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDD(MC)(3V3)
microcontroller digital supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDD(MEM)(1V2)
memory digital supply voltage (1.2 V)
1.14
1.2
1.32
V
VDDD(SDRAM)(3V3) SDRAM digital supply voltage (3.3 V)
3.0
3.3
3.6
V
Supply currents
IDD
supply current
all core related blocks [1]
-90
116
mA
all I/O related blocks
[2]
-
2837mA
Power dissipation
Ptot
total power dissipation
-
0.2
0.5
W


Similar Part No. - SAF3560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF3560_SDS PHILIPS-SAF3560_SDS_15 Datasheet
318Kb / 24P
   Terrestrial digital radio processor
Rev. 5-8 February 2013
More results

Similar Description - SAF3560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF3560_SDS PHILIPS-SAF3560_SDS_15 Datasheet
318Kb / 24P
   Terrestrial digital radio processor
Rev. 5-8 February 2013
logo
CML Microcircuits
CMX7161 CMLMICRO-CMX7161 Datasheet
1Mb / 4P
   TDMA Digital Radio Processor
logo
NXP Semiconductors
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
   Car radio digital signal processor
2003 Nov 18
logo
TE Connectivity Ltd
920-420-001 TEC-920-420-001 Datasheet
634Kb / 4P
   GPS/ div. Radio Services Screw Antenna
logo
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
logo
TE Connectivity Ltd
920-421-001 TEC-920-421-001 Datasheet
606Kb / 2P
   GPS/ div. Radio Services Magnetic Antenna
logo
Tyco Electronics
1860 MACOM-1860 Datasheet
53Kb / 1P
   Farnell Technical Data Services
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com