Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF3560HV1102 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAF3560HV1102
Description  Terrestrial digital radio processor Providing new data services
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF3560HV1102 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAF3560HV1102 Datasheet HTML 6Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 7Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 8Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 9Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 10Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 11Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 12Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 13Page - NXP Semiconductors SAF3560HV1102 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SAF3560_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product short data sheet
Rev. 03 — 15 September 2010
10 of 20
NXP Semiconductors
SAF3560
Terrestrial digital radio processor
[1]
Table 15 defines the pin type.
[1]
Table 15 defines the pin type.
SDRAM_AO5
117
OZU
address output bit 5
SDRAM_AO4
115
OZU
address output bit 4
SDRAM_AO3
114
OZU
address output bit 3
SDRAM_AO2
113
OZU
address output bit 2
SDRAM_AO1
111
OZU
address output bit 1
SDRAM_AO0
110
OZU
address output bit 0
Control interface
SDRAM_BA1
104
OZU
bit 1 of bank address output
SDRAM_BA0
103
OZU
bit 0 of bank address output
SDRAM_CAS_N
108
OZU
column address selector output (active LOW)
SDRAM_CLK
127
OZU
clock output
SDRAM_CLKE
109
OZU
clock enable output
SDRAM_CLKIN
128
IZU
clock input for re-synchronization
SDRAM_CS_N
105
OZU
chip select output (active LOW)
SDRAM_DQM1
100
OL
MSByte of data qualifier mask output
SDRAM_DQM0
99
OL
LSByte of data qualifier mask output
SDRAM_RAS_N
106
OZU
row address selector output (active LOW)
SDRAM_WE_N
98
OZU
write enable output (active LOW)
Table 10.
Pin description (serial NOR-Flash interface)
Symbol
Pin
Type[1]
Description
SPI2 interface
SPI2_MI
16
IZU
master input of second SPI interface
SPI2_MO
17
OZD
master output of second SPI interface
SPI2_SCLK
18
OZU
serial clock output of second SPI interface
SPI2_SS1_N 19
OZU
slave select 1 output of second SPI interface (active LOW)
SPI2_SS2_N 20
OZU
slave select 2 output of second SPI interface (active LOW)
SPI2_SS3_N 22
OZU
slave select 3 output of second SPI interface (active LOW)
SPI2_SS4_N 23
OZU
slave select 4 output of second SPI interface (active LOW)
Table 9.
Pin description (SDRAM interface) …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - SAF3560HV1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF3560_SDS PHILIPS-SAF3560_SDS_15 Datasheet
318Kb / 24P
   Terrestrial digital radio processor
Rev. 5-8 February 2013
More results

Similar Description - SAF3560HV1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF3560_SDS PHILIPS-SAF3560_SDS_15 Datasheet
318Kb / 24P
   Terrestrial digital radio processor
Rev. 5-8 February 2013
logo
CML Microcircuits
CMX7161 CMLMICRO-CMX7161 Datasheet
1Mb / 4P
   TDMA Digital Radio Processor
logo
NXP Semiconductors
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
   Car radio digital signal processor
2003 Nov 18
logo
TE Connectivity Ltd
920-420-001 TEC-920-420-001 Datasheet
634Kb / 4P
   GPS/ div. Radio Services Screw Antenna
logo
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
logo
TE Connectivity Ltd
920-421-001 TEC-920-421-001 Datasheet
606Kb / 2P
   GPS/ div. Radio Services Magnetic Antenna
logo
Tyco Electronics
1860 MACOM-1860 Datasheet
53Kb / 1P
   Farnell Technical Data Services
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com