Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CD081X1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P5CD081X1
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD081X1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P5CD081X1 Datasheet HTML 5Page - NXP Semiconductors P5CD081X1 Datasheet HTML 6Page - NXP Semiconductors P5CD081X1 Datasheet HTML 7Page - NXP Semiconductors P5CD081X1 Datasheet HTML 8Page - NXP Semiconductors P5CD081X1 Datasheet HTML 9Page - NXP Semiconductors P5CD081X1 Datasheet HTML 10Page - NXP Semiconductors P5CD081X1 Datasheet HTML 11Page - NXP Semiconductors P5CD081X1 Datasheet HTML 12Page - NXP Semiconductors P5CD081X1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
9 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
2.4 Design-in support
Approved development tool chain:
Keil PK51 development tool package including
μVision3/dScope C51 simulator,
additional specific hardware drivers including simulation of contactless interface
and ISO/IEC 7816 card interface board. A SmartMX DBox allows software
debugging and integration tests.
Ashling Ultra-Emulator platform, stand-alone ROM prototyping boards and
ISO/IEC 7816 and ISO/IEC 14443 card interface board. Code coverage and
performance measurement software tools for real-time software testing.
Dual interface dummy modules OM6711 (PDM 1.1 - SOT658) with special antenna
bonding on C4 and C8 for testing the implanting process and antenna connection.
Software libraries:
Libraries supporting contactless communication in accordance with
ISO/IEC 14443, part 3 and 4
T=1 communication in accordance with ISO/IEC 7816, part 3
EEPROM read/write routines
3.
Applications
3.1 Application areas
Banking
Java cards
E-passports
ID cards
Secure access
Trusted platform modules
4.
Quick reference data
[1]
All described supply voltages are in accordance with ISO/IEC 7816-3.
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
class A: 5 V range
[1] 4.5
5.0
5.5
V
class B: 3 V range
[1] 2.7
3.0
3.3
V
class BE: 3 V range
[1] 2.2
3.0
3.3
V
Class C: 1.8 V range
[1] 1.62
1.8
1.98
V
EEPROM
tret
retention time
Tamb =+55 °C
25
--years
Nendu(W)
write endurance
under all operating
conditions
5
× 105
-
-
cycles


Similar Part No. - P5CD081X1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD080 NXP-P5CD080 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080A4 NXP-P5CD080A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080A6 NXP-P5CD080A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080UA NXP-P5CD080UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080UE NXP-P5CD080UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD081X1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com