Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CD021X0 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P5CD021X0
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD021X0 Datasheet(HTML) 4 Page - NXP Semiconductors

  P5CD021X0 Datasheet HTML 1Page - NXP Semiconductors P5CD021X0 Datasheet HTML 2Page - NXP Semiconductors P5CD021X0 Datasheet HTML 3Page - NXP Semiconductors P5CD021X0 Datasheet HTML 4Page - NXP Semiconductors P5CD021X0 Datasheet HTML 5Page - NXP Semiconductors P5CD021X0 Datasheet HTML 6Page - NXP Semiconductors P5CD021X0 Datasheet HTML 7Page - NXP Semiconductors P5CD021X0 Datasheet HTML 8Page - NXP Semiconductors P5CD021X0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
4 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
Operated both in Contact mode (ISO/IEC 7816) and in S2C mode, the user defines the
final function of the controller chip with its operating system. This allows the same level of
security, functionality and flexibility for the contact interface and the S2C interface.
The S2C interface is connected to the internal ISO/IEC 14443 CIU. The CIU handles the
demodulation and the modulation of the S2C signals which enables a full contactless
communication via this interface, and the NFC front-end can be enabled. As the S2C
interface is connected to the CIU, the power to the P5CN081 must be supplied via the
VDD and VSS pads in order to use the S2C interface. The S2C interface does not need
any software adaptation compared to normal contactless operation.
When connected to the S2C interface of a NFC front-end, the device is compatible with
existing MIFARE reader infrastructure, and the optional emulation modes of MIFARE 1 K
or MIFARE 4 K enable fast system integration and backward compatibility to MIFARE
based cards. The communication on the S2C interface supports both the
ISO/IEC 14443 A part 3 and the ISO/IEC 14443 part 4.
1.6 Security features
SmartMX incorporates a wide range of both inherent and OS-controlled security features
as a countermeasure against all types of attack. NXP Semiconductors apply their
extensive knowledge of chip security, combined with handshaking circuit technology, very
dense 5-metal layer 0.14
μm technology, glue logic and active shielding methodology for
optimum results in CC EAL5+, EMVCo and other third-party certifications and approvals.
SmartMX Memory Management Unit (MMU), designed to define various memory
segments and assign security attributes accordingly, supports a strong firewall concept
that keeps different applications separate from each other. Only the System mode has full
access privileges to all memory space and on-chip peripherals, while the User mode only
has privileges defined upon card personalization and executed under the control of the
System mode.
Secure Fetch technology significantly enhances the chip hardware security against
certain classes of light attack using light directed at chip hardware. More specifically,
Secure Fetch offers increased protection against attacks using higher spatial resolution
and those using shorter and longer light pulses with both single and multiple pulses. It
protects both the device memory and ROM, RAM and EEPROM code fetching operations,
greatly increasing the probability of detecting fault injection attacks.
This unique security technology offers increased protection against future attack
scenarios that use light and laser sources, facilitating the development of highly secure
software applications for customers.
The SmartMX security features are acknowledged as having outstanding properties by
most NXP Semiconductors’ customers. The countermeasures against light attacks are
regarded as “best-in-class”.


Similar Part No. - P5CD021X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD020 NXP-P5CD020 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD020A4 NXP-P5CD020A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD020A6 NXP-P5CD020A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD020UA NXP-P5CD020UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD020UE NXP-P5CD020UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD021X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com