Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA79M08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA79M08
Description  3-Terminal 0.5A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79M08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA79M08 Datasheet HTML 1Page - Fairchild Semiconductor KA79M08 Datasheet HTML 2Page - Fairchild Semiconductor KA79M08 Datasheet HTML 3Page - Fairchild Semiconductor KA79M08 Datasheet HTML 4Page - Fairchild Semiconductor KA79M08 Datasheet HTML 5Page - Fairchild Semiconductor KA79M08 Datasheet HTML 6Page - Fairchild Semiconductor KA79M08 Datasheet HTML 7Page - Fairchild Semiconductor KA79M08 Datasheet HTML 8Page - Fairchild Semiconductor KA79M08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• No External Components Required
• Output Current in Excess of 0.5A
• Internal Thermal Overload
• Internal Short Circuit Current Limiting
• Output Transistor Safe Area Compensation
• Output Voltages of -5V,-6V,-8V, -12V,-15V,-18V,-24V
Description
The KA79MXX series of 3-Terminal medium current
negative voltage regulators are monolithic integrated circuits
designed as fixed voltage regulators. These regulators
employ internal current limiting, thermal shutdown and
safe area compensation making them essentially
indestructible.
TO-220
D-PAK
1. GND 2. Input 3. Output
1
1
Schematic Diagram
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
Q18
Q19
Q20
Q21 Q22
Q23
Q24 Q25
Q26
Q27
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10 R11
R12
R13
R15
R14
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
D1
D2
D3
D4
D5
C1
C2
GND
OUT
IN
KA79MXX
3-Terminal 0.5A Negative Voltage Regulator


Similar Part No. - KA79M08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79M08 FAIRCHILD-KA79M08 Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M08R FAIRCHILD-KA79M08R Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
More results

Similar Description - KA79M08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com