Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-220 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK400-220
Description  3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-220 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK400-220 Datasheet HTML 2Page - Sanyo Semicon Device STK400-220 Datasheet HTML 3Page - Sanyo Semicon Device STK400-220 Datasheet HTML 4Page - Sanyo Semicon Device STK400-220 Datasheet HTML 5Page - Sanyo Semicon Device STK400-220 Datasheet HTML 6Page - Sanyo Semicon Device STK400-220 Datasheet HTML 7Page - Sanyo Semicon Device STK400-220 Datasheet HTML 8Page - Sanyo Semicon Device STK400-220 Datasheet HTML 9Page - Sanyo Semicon Device STK400-220 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
No. 4830-10/10
STK400-020
This catalog provides information as of August, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.


Similar Part No. - STK400-220

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-220 SANYO-STK400-220 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-220 SANYO-STK400-220 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-220 SANYO-STK400-220 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-220 SANYO-STK400-220 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK400-220 SANYO-STK400-220 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Similar Description - STK400-220

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com