Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C566C-BFN Datasheet(PDF) 9 Page - Cree, Inc

Part # C566C-BFN
Description  5mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-BFN Datasheet(HTML) 9 Page - Cree, Inc

Back Button C566C-BFN Datasheet HTML 2Page - Cree, Inc C566C-BFN Datasheet HTML 3Page - Cree, Inc C566C-BFN Datasheet HTML 4Page - Cree, Inc C566C-BFN Datasheet HTML 5Page - Cree, Inc C566C-BFN Datasheet HTML 6Page - Cree, Inc C566C-BFN Datasheet HTML 7Page - Cree, Inc C566C-BFN Datasheet HTML 8Page - Cree, Inc C566C-BFN Datasheet HTML 9Page - Cree, Inc C566C-BFN Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:


Similar Part No. - C566C-BFN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-BFN CREE-C566C-BFN Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C-BFN-CS0W0351 MARKTECH-C566C-BFN-CS0W0351 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
C566C-BFN-CS0W0352 MARKTECH-C566C-BFN-CS0W0352 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
C566C-BFN-CS0W0451 MARKTECH-C566C-BFN-CS0W0451 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
C566C-BFN-CS0W0452 MARKTECH-C566C-BFN-CS0W0452 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
More results

Similar Description - C566C-BFN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
   5mm Oval LED
C566C MARKTECH-C566C Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS MARKTECH-C566C-RFS Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
   Oval Orange LED Lamp (5mm)
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
   Oval Red LED Lamp (5mm)
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
logo
Inolux Corporation
HTOV511040XX INOLUX-HTOV511040XX Datasheet
596Kb / 10P
   5mm Oval Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com