Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet(PDF) 9 Page - Cree, Inc

Part # CLV1A-FKB-CJ1M1F1BB7R3S3
Description  PLCC4 3 in 1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet(HTML) 9 Page - Cree, Inc

  CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 1Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 2Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 3Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 4Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 5Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 6Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 7Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 8Page - Cree, Inc CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
CLD-CT874.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Package
• The boxes are not water resistant and they must be kept away from water and moisture.
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
• The reel pack is applied in SMD LED.
• Max 2000 pcs per reel.







防潮珠。不可食


Similar Part No. - CLV1A-FKB-CJ1M1F1BB7R3S3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLV1A-FKB-CJ1M1F1BB7R3S3 MARKTECH-CLV1A-FKB-CJ1M1F1BB7R3S3 Datasheet
527Kb / 9P
   Cree짰 PLCC4 3 in 1 SMD LED
More results

Similar Description - CLV1A-FKB-CJ1M1F1BB7R3S3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
   Cree PLCC4 3 in 1 SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com