Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-060 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK400-060
Description  AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-060 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK400-060 Datasheet HTML 1Page - Sanyo Semicon Device STK400-060 Datasheet HTML 2Page - Sanyo Semicon Device STK400-060 Datasheet HTML 3Page - Sanyo Semicon Device STK400-060 Datasheet HTML 4Page - Sanyo Semicon Device STK400-060 Datasheet HTML 5Page - Sanyo Semicon Device STK400-060 Datasheet HTML 6Page - Sanyo Semicon Device STK400-060 Datasheet HTML 7Page - Sanyo Semicon Device STK400-060 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STK401-060
No. 4680—4/8
Sample Application Circuit
External Component Description
C1, C11
Input coupling capacitors.
For DC blocking. Since capacitor reactance becomes larger at lower frequencies, the output noise can be adversely affected by signal source
resistance-dependent 1/f noise. In this case, a lower reactance value should be chosen. In order to remove pop noise at power-on, larger
values of capacitance should be chosen for C1 and C11, which determine the input time constant, and smaller values for C3 and C13 in the
NF circuit.
C2, C12
Input filter capacitors.
These, together with R1 and R11, form filters to reduce high-frequency noise.
C3, C13
NF capacitors.
These determine the low-side cut-off frequency.
Large values should be chosen for C3 and C13 to maintain voltage gain at low frequencies. However, because this would tend to increase the
shock noise at power-on, values larger than absolutely necessary should be avoided.
C5, C15
Oscillation prevention capacitors.
Mylar capacitors are recommended for their excellent thermal and frequency characteristics.
C6, C7
Oscillation prevention capacitors.
These should be inserted as close as possible to the IC supply pins to reduce supply impedance and hence provide stable IC operation.
Electrolytic capacitors are recommended.
C8, C9
Decoupling capacitors.
These, together with R8 and R9, form time constant circuits that remove shock noise and ripple voltage from the supply, preventing any noise
being coupled to the inputs.
R1, R11
Input filter resistors.
R2, R12
Input bias resistors.
These are used to bias the input pins at zero potential. The input impedance is largely determined by this resistance.
R3, R13
R4, R14
Voltage-gain VG setting resistors.
VG = 40dB is recommended using R3, R13 = 560
Ω, and R4, R14 = 56kΩ. Gain adjustments are best made using R3 and R13. If gain
adjustments are made using R4 and R14, then set R2, R12 = R4, R14 to maintain VN balance stability.
R5, R15
Oscillation prevention resistors.
R6, R16
Oscillation prevention resistors.
The power dissipated in these resistors is dependent on the frequency, as given below.
where f is the output signal frequency upper limit.
R8, R9
Ripple filter resistors.
PO max, ripple rejection and supply power-on shock noise are all affected by this resistance. These resistors should be chosen taking into
consideration both the function they perform as predriver transistor limiting resistors during load short circuits and the peak current that flows
through them when charging C8 and C9.
L1, L2
Oscillation prevention coils.
These correct the phase difference caused by capacitive loads and increase stability against oscillation.
f
L
1
2
π C 3 C13
() R3 R13
()
×
×
-----------------------------------------------------------------
=
P R6(R16)
V
CC max
2
12
πf
C5 C15
()
×
R 6 R 16
()
+
---------------------------------------------------------------------------


2
R6
×
R16
()
=


Similar Part No. - STK400-060

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-060 SANYO-STK400-060 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-060 SANYO-STK400-060 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK400-060 SANYO-STK400-060 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-060 SANYO-STK400-060 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-060 SANYO-STK400-060 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results

Similar Description - STK400-060

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
   AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com