Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-050 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK400-050
Description  AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-050 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK400-050 Datasheet HTML 1Page - Sanyo Semicon Device STK400-050 Datasheet HTML 2Page - Sanyo Semicon Device STK400-050 Datasheet HTML 3Page - Sanyo Semicon Device STK400-050 Datasheet HTML 4Page - Sanyo Semicon Device STK400-050 Datasheet HTML 5Page - Sanyo Semicon Device STK400-050 Datasheet HTML 6Page - Sanyo Semicon Device STK400-050 Datasheet HTML 7Page - Sanyo Semicon Device STK400-050 Datasheet HTML 8Page - Sanyo Semicon Device STK400-050 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Series Configuration
Example of Set Design for Common PCB
No. 4344-5/9
STK401-090
VCC max1
VCC max2
VCC1
VCC2
STK400-010
10W X 3
STK401-010
10W X 2
±27
±18
±14
STK400-020
15W X 3
STK401-020
15W X 2
±29
±20
±16
STK400-030
20W X 3
STK401-030
20W X 2
±34
±23
±19
STK400-040
25W X 3
STK401-040
25W X 2
±36
±25
±21
STK400-050
30W X 3
STK401-050
30W X 2
±39
±26
±22
STK400-060
35W X 3
STK401-060
35W X 2
±41
±28
±23
STK400-070
40W X 3
STK401-070
40W X 2
0.4
±44
±30
±24
STK400-080
45W X 3
STK401-080
45W X 2
±45
±31
±25
STK400-090
50W X 3
STK401-090
50W X 2
±47
±32
±26
STK400-100
60W X 3
STK401-100
60W X 2
±51
±35
±27
STK400-110
70W X 3
STK401-110
70W X 2
±56.0
±38
STK401-120
80W X 2
±61.0
±42
STK401-130
100W X 2
±65.0
±45
STK401-140
120W X 2
±74.0
±51
VCC max1
RL = 6
VCC max2
RL = 6
Ω to 3Ω
VCC1
RL = 6
VCC2
RL = 3
Supply voltage [V]
3ch Amp
IC Name
Fixed
Standard
Output
2ch Amp
IC Name
Fixed
Standard
Output
THD [%]
f = 20 to 20kHz


Similar Part No. - STK400-050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-050 SANYO-STK400-050 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-050 SANYO-STK400-050 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK400-050 SANYO-STK400-050 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-050 SANYO-STK400-050 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-050 SANYO-STK400-050 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results

Similar Description - STK400-050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-090 SANYO-STK400-090 Datasheet
265Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50 W min, THD = 0.4%)?
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK400-290 SANYO-STK400-290 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK4036XI SANYO-STK4036XI Datasheet
285Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4038II SANYO-STK4038II Datasheet
47Kb / 3P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
STK4048II SANYO-STK4048II Datasheet
66Kb / 3P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
STK4044II SANYO-STK4044II Datasheet
63Kb / 3P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.4%)?
STK4026II SANYO-STK4026II Datasheet
110Kb / 4P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.4%)???
STK4028II SANYO-STK4028II Datasheet
113Kb / 4P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.4%)???
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com