Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20124AFP-W0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20124AFP-W0
Description  Synchronous Phase Shift Full-Bridge Control IC Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP-W0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20124AFP-W0 Datasheet HTML 1Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 2Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 3Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 4Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP-W0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
R03DS0031EJ0300 Rev.3.00
Page 2 of 12
Mar 11, 2011
Modified Points from R2A20121SP
 The swing level of the maximum output voltage is changed from VREF to VCC.
 Ramp sloping compensation circuit is added.
 Synchronous rectification control is possible to turned off at light load. (only R2A20124AFP)
 On/off control terminal for Remote is added. (only R2A20124AFP)
Illustrative Circuit
R2A20124AFP/ASP
Note:
∗1. Only R2A20124AFP
VCC OUT
-A
OUT
-C
CS RAMP
FB(–)
VREF
RT SYNC
SS
CS-
OUT(
1)
SEC-CONT(
1)
SGND
OUT
-B
OUT
-F
OUT
-E
OUT
-D
DELAY
-3
DELAY
-2
DELAY
-1
COMP
VIN
DC 12 V
Vbias
(DC 12 V)
DC 12 V
DC 12 V
DC 12 V
DC 12 V
RAMP
-SLP
REMOTE(
1)
PGND


Similar Part No. - R2A20124AFP-W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20124AFP-W0 RENESAS-R2A20124AFP-W0 Datasheet
150Kb / 13P
   Synchronous Phase Shift Full-Bridge Control IC Series
More results

Similar Description - R2A20124AFP-W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_08 Datasheet
329Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20124AFP RENESAS-R2A20124AFP Datasheet
150Kb / 13P
   Synchronous Phase Shift Full-Bridge Control IC Series
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1 Datasheet
308Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
logo
NXP Semiconductors
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
   Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com