Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60F4DPQ-A0-T0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH60F4DPQ-A0-T0
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60F4DPQ-A0-T0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH60F4DPQ-A0-T0 Datasheet HTML 1Page - Renesas Technology Corp RJH60F4DPQ-A0-T0 Datasheet HTML 2Page - Renesas Technology Corp RJH60F4DPQ-A0-T0 Datasheet HTML 3Page - Renesas Technology Corp RJH60F4DPQ-A0-T0 Datasheet HTML 4Page - Renesas Technology Corp RJH60F4DPQ-A0-T0 Datasheet HTML 5Page - Renesas Technology Corp RJH60F4DPQ-A0-T0 Datasheet HTML 6Page - Renesas Technology Corp RJH60F4DPQ-A0-T0 Datasheet HTML 7Page - Renesas Technology Corp RJH60F4DPQ-A0-T0 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJH60F4DPQ-A0
Preliminary
R07DS0325EJ0100 Rev.1.00
Page 4 of 7
Apr 06, 2011
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
800
600
400
200
0
0
16
12
8
4
0
20
40
60
80
100
IC = 30 A
VGE
VCE
VCE = 600 V
300 V
VCE = 600 V
300 V
1
10
100
1000
10000
0
50
150
100
200
250
300
Typical Capacitance vs.
Colloctor to Emitter Voltage
Colloctor to Emitter Voltage VCE (V)
Cies
Coes
Cres
VGE = 0 V
f = 1 MHz
Ta = 25°C
0
20
40
60
80
100
0123
4
VGE = 0 V
Ta = 25°C
Pulse Test
C-E Diode Forward Voltage VCEF (V)
Forward Current vs. Forward Voltage (Typical)


Similar Part No. - RJH60F4DPQ-A0-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F4DPQ-A0 RENESAS-RJH60F4DPQ-A0_15 Datasheet
88Kb / 8P
   600 V - 30 A - IGBT High Speed Power Switching
More results

Similar Description - RJH60F4DPQ-A0-T0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com