Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57-11UTC-S827-1-TR8 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 57-11UTC-S827-1-TR8
Description  Side View White SMD LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

57-11UTC-S827-1-TR8 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 57-11UTC-S827-1-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 57-11UTC-S827-1-TR8 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:56.0
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Side View White SMD LEDs
57-11UTC/S827-1/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 11 of 11
Device No. : DSE-571-050
Prepared date : 30-May-2007
Prepared by:Teresa
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 57-11UTC-S827-1-TR8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
57-1011-01 SANYO-57-1011-01 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
DDK Ltd.
57-10140 DDK-57-10140 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
57-10140 DDK-57-10140 Datasheet
2Mb / 8P
   Ribbon Connector
57-10140-4 DDK-57-10140-4 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
57-10140 DDK-57-10140_13 Datasheet
2Mb / 8P
   Ribbon Connector
More results

Similar Description - 57-11UTC-S827-1-TR8

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0406WBCW ROHM-CSL0406WBCW_17 Datasheet
413Kb / 11P
   Side view white LEDs
CSL0406WBCW ROHM-CSL0406WBCW Datasheet
883Kb / 8P
   Side view white LEDs
logo
Everlight Electronics C...
99-113UTC-710-TR8 EVERLIGHT-99-113UTC-710-TR8 Datasheet
147Kb / 13P
   Side View White LEDs (0.8mm)
57-21SYGC-S530-E3-TR8 EVERLIGHT-57-21SYGC-S530-E3-TR8 Datasheet
165Kb / 10P
   Side View Red SMD LEDs
57-21SYGC-S530-XX-TR8 EVERLIGHT-57-21SYGC-S530-XX-TR8 Datasheet
165Kb / 10P
   Side View Red SMD LEDs
57-21-R6C-AP1Q2B-BF EVERLIGHT-57-21-R6C-AP1Q2B-BF Datasheet
262Kb / 10P
   Side View Red SMD LEDs
57-21UYC-S530-XX-TR8 EVERLIGHT-57-21UYC-S530-XX-TR8 Datasheet
182Kb / 10P
   Side View Red SMD LEDs
57-21SURC-S530-XX-TR8 EVERLIGHT-57-21SURC-S530-XX-TR8 Datasheet
181Kb / 10P
   Side View Red SMD LEDs
57-21-R6C-AP1Q2B-BF EVERLIGHT-57-21-R6C-AP1Q2B-BF Datasheet
262Kb / 10P
   Side View Red SMD LEDs
57-21UWC-B003-TR8 EVERLIGHT-57-21UWC-B003-TR8 Datasheet
160Kb / 10P
   Side View Red SMD LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com