Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 71M6541D
Description  0.1% Accuracy Over 2000:1 Current Range Energy Meter ICs
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 71M6541D Datasheet HTML 5Page - Maxim Integrated Products 71M6541D Datasheet HTML 6Page - Maxim Integrated Products 71M6541D Datasheet HTML 7Page - Maxim Integrated Products 71M6541D Datasheet HTML 8Page - Maxim Integrated Products 71M6541D Datasheet HTML 9Page - Maxim Integrated Products 71M6541D Datasheet HTML 10Page - Maxim Integrated Products 71M6541D Datasheet HTML 11Page - Maxim Integrated Products 71M6541D Datasheet HTML 12Page - Maxim Integrated Products 71M6541D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 165 page
background image
v1.1
© 2008–2011 Teridian Semiconductor Corporation
9
IAP
MUX
and
PREAMP
XIN
XOUT
VREF
CKADC
CE
32-bit Compute
Engine
MPU
(80515)
CE CONTROL
OPT_RX/
SEGDIO55
OPT_TX/
SEGDIO51/
WPULSE/
VARPULSE
RESET
VBIAS
EMULATOR
PORT
3
OPTICAL
INTERFACE
UART0
TX
RX
6
COM0..5
VLC2
LCD DRIVER
CEDATA
0x000...0x2FF
PROG
0x000...0x3FF
DATA
0x0000...0xFFFF
PROGRAM
0x0000...0xFFFF
0x0000…
0xFFFF
DIGITAL I/O
CONFIGURATION
RAM
(I/O RAM)
0x2000...0x20FF
MEMORY SHARE
0x0000...0x13FF
16
8
RTCLK
RTCLK (32KHz)
MUX_SYNC
CKCE
CKMPU
CK32
32
8
8
8
POWER FAULT
DETECTION
4.9 MHZ
< 4.9MHz
4.9 MHz
GNDD
V3P3A
V3P3D
VBAT
Voltage
Regulator
2.5V to logic
VDD
32KHz
MPU_RSTZ
FAULTZ
WAKE
CON-
FIGURATION
PARAMETERS
GNDA
VBIAS
2/15/2011
CROSS
CLOCK GEN
Oscillator
32 KHz
CK32
MCK
PLL
VREF
DIV
ADC
MUX CTRL
STRT
MUX
MUX
CKFIR
RTM
SEGDIO Pins
WPULSE
VARPULSE
WPULSE
VARPULSE
TEST
TEST
MODE
VLC1
VLC0
< 4.9MHz
CKMPU_2x
CKMPU_2x
SDCK
SDOUT
SDIN
E_RXTX/SEG48
E_TCLK/SEG49
E_RST/SEG50
FLASH
64/32 KB
V3P3A
FIR
EEPROM
INTERFACE
CK_4X
LCD_GEN
PB
RTC
VBIAS
MEMORY
SHARE
16
E_RXTX
E_TCLK
E_RST(Open Drain)
ICE_E
∆Σ
AD CONVERTER
+
-
VREF
V3P3SYS
TEST MUX
VLCD
VLCD
Voltage
Boost
MPU RAM
3/5 KB
22
VSTAT
VBAT_RTC
IAN
IBP
IBN
VA
VB*
SEG Pins
2
TEST MUX
2
Non-Volatile
CONFIGURATION
RAM
BAT
TEST
TEMP
SENSOR
RTM
* 71M6542 only
Figure 1: IC Functional Block Diagram


Similar Part No. - 71M6541D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
71M6541D MAXIM-71M6541D Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541D/F/G MAXIM-71M6541D/F/G Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6541DT-IGT/F MAXIM-71M6541DT-IGT/F Datasheet
1Mb / 78P
   Energy Meter ICs
2015
More results

Similar Description - 71M6541D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
   Energy Meter ICs
2013
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
   Energy Meter ICs
2015
71M6543F MAXIM-71M6543F Datasheet
2Mb / 157P
   Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
Rev 1.2; 4/11
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com