Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR1AHF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR1AHF
Description  Hyper Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1AHF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR1AHF Datasheet HTML 1Page - Solid States Devices, Inc SDR1AHF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR
__ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage/Family
SDR1AHF = 50V
SDR1JHF =
600V
SDR1BHF = 100V
SDR1KHF =
800V
SDR1DHF = 200V
SDR1MHF = 1000V
SDR1GHF = 400V
SDR1NHF = 1200V
SDR1AHF & SDR1AHFSMS
thru
SDR1NHF & SDR1NHFSMS
1 AMPS, 50 thru 1200 VOLTS
35 nsec
Hyper Fast Recovery Rectifier
FEATURES:
Hyper Fast Recovery: 35 nsec maximum
PIV up to 1200 Volts
Hermetically Sealed
Void Free Single Chip Construction
For High Efficiency Applications
Low Reverse Leakage
TX, TXV, and Space Level Screening Available
2/
Avalanche Breakdown Guaranteed
Hyper Fast Recovery Replacement for 1N6620-6625
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR1AHF
SDR1BHF
SDR1DHF
SDR1GHF
SDR1JHF
SDR1KHF
SDR1MHF
SDR1NHF
VRRM
VRWM
VR
50
100
200
400
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
1.0
Amps
Peak Surge Current @ T
A = 25°C
SDR1A - 1JHF
(8.3 ms Pulse, Half Sine Wave or equivalent Square Wave)
SDR1K - 1NHF
IFSM
25
7
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
°C
Maximum Thermal Resistance
Junction to Lead, L = 0.375” (Axial Lead)
Junction to End Tab (Surface Mount)
RθJL
RθJE
45
28
°C/W
NOTES:
1/ For Ordering Information, Price, and
Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500.
Screening Flows Available on Request.
Axial Leaded (__)
Square Tab Surface Mount (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0119H
DOC


Similar Part No. - SDR1AHF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1AHF SSDI-SDR1AHF Datasheet
72Kb / 2P
   1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SDR1AHF SSDI-SDR1AHF Datasheet
159Kb / 2P
   1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
SDR1AHFS SSDI-SDR1AHFS Datasheet
159Kb / 2P
   1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
SDR1AHFSMS SSDI-SDR1AHFSMS Datasheet
72Kb / 2P
   1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SDR1AHFSMS SSDI-SDR1AHFSMS Datasheet
159Kb / 2P
   1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
More results

Similar Description - SDR1AHF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0126C SSDI-RC0126C Datasheet
128Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
SPD6626 SSDI-SPD6626_1 Datasheet
141Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C_15 Datasheet
187Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
SDR6638 SSDI-SDR6638 Datasheet
118Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J_15 Datasheet
77Kb / 2P
   Hyper Fast Recovery Rectifier
RC0096F SSDI-RC0096F_15 Datasheet
112Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RC0126C SSDI-RC0126C_15 Datasheet
128Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
SDR2HF1.8 SSDI-SDR2HF1.8_1 Datasheet
149Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C Datasheet
187Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J Datasheet
77Kb / 2P
   Hyper Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com