Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1922E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1922E
Description  High-Temperature Logger iButton with 8KB Data-Log Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1922E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1922E Datasheet HTML 5Page - Maxim Integrated Products DS1922E Datasheet HTML 6Page - Maxim Integrated Products DS1922E Datasheet HTML 7Page - Maxim Integrated Products DS1922E Datasheet HTML 8Page - Maxim Integrated Products DS1922E Datasheet HTML 9Page - Maxim Integrated Products DS1922E Datasheet HTML 10Page - Maxim Integrated Products DS1922E Datasheet HTML 11Page - Maxim Integrated Products DS1922E Datasheet HTML 12Page - Maxim Integrated Products DS1922E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
High-Temperature Logger iButton with 8KB
Data-Log Memory
_______________________________________________________________________________________
9
Memory
Figure 5 shows the DS1922E memory map. Pages 0 to
15 contain 512 bytes of general-purpose SRAM. The
various registers to set up and control the device fill
pages 16 and 17, called register pages 1 and 2 (see
Figure 6 for details). Pages 18 and 19 can be used as
extension of the general-purpose memory. The data-log
logging memory starts at address 1000h (page 128)
and extends over 256 pages. The memory pages 20 to
127 are reserved for future extensions. The scratchpad
is an additional page that acts as a buffer when writing
to the SRAM memory or the register page. The data
memory can be written at any time. The access type for
the register pages is register-specific and depends on
whether the device is programmed for a mission.
Figure 6 shows the details. The data-log memory is
read only for the user. It is written solely under supervi-
sion of the on-chip control logic. Due to the special
behavior of the write access logic (write scratchpad,
copy scratchpad), it is recommended to only write full
pages at a time. This also applies to the register pages.
See the
Address Registers and Transfer Status section
for details.
32-BYTE INTERMEDIATE STORAGE
SCRATCHPAD
ADDRESS
0000h TO 001Fh
32-BYTE GENERAL-PURPOSE SRAM
(R/W)
PAGE 0
0020h TO 01FFh
GENERAL-PURPOSE SRAM (R/W)
PAGES 1 TO 15
0200h TO 021Fh
32-BYTE REGISTER PAGE 1
PAGE 16
0220h TO 023Fh
32-BYTE REGISTER PAGE 2
PAGE 17
0240h TO 025Fh
GENERAL-PURPOSE SRAM (R/W)
PAGE 18
0260h TO 027Fh
GENERAL-PURPOSE SRAM (R/W)
PAGE 19
0280h TO 0FFFh
(RESERVED FOR FUTURE EXTENSIONS)
PAGES 20 TO 127
1000h TO 2FFFh
DATA-LOG MEMORY (READ ONLY)
PAGES 128 TO 383
Figure 5. Memory Map


Similar Part No. - DS1922E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922E MAXIM-DS1922E Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E-F5 MAXIM-DS1922E-F5 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E-F5# MAXIM-DS1922E-F5# Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922E-F5- MAXIM-DS1922E-F5- Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
More results

Similar Description - DS1922E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1925 MAXIM-DS1925 Datasheet
902Kb / 46P
   iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
Rev 4; 6/20
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com