Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1922L-F5 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1922L-F5
Description  Temperature Logger iButton with 8KB Data-Log Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1922L-F5 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1922L-F5 Datasheet HTML 1Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 2Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 3Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 4Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 5Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 6Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 7Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 8Page - Maxim Integrated Products DS1922L-F5 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Note 7:
The voltage on IO must be less than or equal to VILMAX whenever the master drives the line low.
Note 8:
Voltage above which, during a rising edge on IO, a logic 1 is detected.
Note 9:
After VTH is crossed during a rising edge on IO, the voltage on IO must drop by VHY to be detected as logic 0.
Note 10: The I-V characteristic is linear for voltages less than 1V.
Note 11: The earliest recognition of a negative edge is possible at tREH after VTH has been previously reached.
Note 12: Numbers in bold are not in compliance with the published iButton standards. See the
Comparison Table.
Note 13: Interval during the negative edge on IO at the beginning of a presence-detect pulse between the time at which the voltage
is 90% of VPUP and the time at which the voltage is 10% of VPUP.
Note 14:
ε in Figure 13 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to VTH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF -
ε and tW0LMAX + tF - ε, respectively.
Note 15:
δ in Figure 13 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the input-high
threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Note 16: To conserve battery power, use 8-bit temperature logging whenever possible.
Note 17: This number was derived from a test conducted by Cemagref in Antony, France, in July 2000:
www.cemagref.fr/English/index.htm Test Report No. E42.
Note 18: Includes +0.1/-0.2°C calibration chamber measurement uncertainty.
Note 19: Warning: Not for use as the sole method of measuring or tracking temperature in products and articles that could affect
the health or safety of persons, plants, animals, or other living organisms, including but not limited to foods, beverages,
pharmaceuticals, medications, blood and blood products, organs, flammable, and combustible products. User shall
assure that redundant (or other primary) methods of testing and determining the handling methods, quality, and fitness of
the articles and products should be implemented. Temperature tracking with this product, where the health or safety of the
aforementioned persons or things could be adversely affected, is only recommended when supplemental or redundant
information sources are used. Data-logger products are 100% tested and calibrated at time of manufacture by Maxim to
ensure that they meet all data sheet parameters, including temperature accuracy. User shall be responsible for proper use
and storage of this product. As with any sensor-based product, user shall also be responsible for occasionally rechecking
the temperature accuracy of the product to ensure it is still operating properly.
Note 20: Assumes using calibration memory with calibration equations for error compensation. Includes +0.1/-0.2°C calibration
chamber measurement uncertainty. Guaranteed by design.
Temperature Logger iButton with 8KB
Data-Log Memory
4
_______________________________________________________________________________________
COMPARISON TABLE
LEGACY VALUES
DS1922L/DS1922T VALUES
STANDARD SPEED
(μs)
OVERDRIVE SPEED
(μs)
STANDARD SPEED
(μs)
OVERDRIVE SPEED
(μs)
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tSLOT (including tREC)
61
(undefined)
7
(undefined)
65
*
(undefined)
9.5
(undefined)
tRSTL
480
(undefined)
48
80
690
720
70
80
tPDH
15
60
2
6
15
63.5
2
7
tPDL
60
240
8
24
60
287
7
28
tW0L
60
120
6
16
60
120
7.5
12
*
Intentional change; longer recovery time requirement due to modified 1-Wire front-end.
Note: Numbers in bold are not in compliance with the published iButton standards.
iButton CAN PHYSICAL SPECIFICATION
SIZE
See the Package Information section.
WEIGHT
Ca. 3.3 grams
SAFETY
Meets UL 913, 5th Ed., Rev. 1997-02-24; Intrinsically Safe Apparatus, approval under Entity Concept for use in
Class I, Division 1, Group A, B, C, and D Locations.
ELECTRICAL CHARACTERISTICS (continued)
(VPUP = +3.0V to +5.25V.)


Similar Part No. - DS1922L-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L-F5 DALLAS-DS1922L-F5 Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L-F5 MAXIM-DS1922L-F5 Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1922L-F5# MAXIM-DS1922L-F5# Datasheet
540Kb / 52P
   iButton Temperature Loggers with 8KB Datalog Memory
2015
More results

Similar Description - DS1922L-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1925 MAXIM-DS1925 Datasheet
902Kb / 46P
   iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
Rev 4; 6/20
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com