Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62777FG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB62777FG
Description  8-Channel Constant-Current LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62777FG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB62777FG Datasheet HTML 1Page - Toshiba Semiconductor TB62777FG Datasheet HTML 2Page - Toshiba Semiconductor TB62777FG Datasheet HTML 3Page - Toshiba Semiconductor TB62777FG Datasheet HTML 4Page - Toshiba Semiconductor TB62777FG Datasheet HTML 5Page - Toshiba Semiconductor TB62777FG Datasheet HTML 6Page - Toshiba Semiconductor TB62777FG Datasheet HTML 7Page - Toshiba Semiconductor TB62777FG Datasheet HTML 8Page - Toshiba Semiconductor TB62777FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TB62777FNG/FG
2010-03-08
3
Timing Diagram
Note 1: Latches are level-sensitive, not edge-triggered.
Note 2: The TB62777FNG can be used at 3.3 V or 5.0 V. However, the VDD supply voltage must be equal to the input
voltage.
Note 3: Serial data is shifted out of SERIAL-OUT on the falling edge of CLOCK.
Marks:
The latches hold data while the LATCH terminal is held Low. When the LATCH terminal is High, the
latches do not hold data and pass it transparently. When the
ENABLE terminal is Low, OUT0 to OUT7
toggle between ON and OFF according to the data. When the ENABLE terminal is High, OUT0 to
OUT7 are forced OFF.
SERIAL-IN
LATCH
CLOCK
OUT0
OUT1
SERIAL-OUT
ENABLE
OUT7
H
L
n
= 0
1
2
345
67
H
L
H
L
H
L
ON
OFF
ON
OFF
ON
OFF
ON
OFF
H
L
Data applied when n
= 0
2
OUT


Similar Part No. - TB62777FG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results

Similar Description - TB62777FG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
logo
Marktech Corporate
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com