Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL19W01-NH2 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TL19W01-NH2
Description  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-NH2 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TL19W01-NH2 Datasheet HTML 1Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-NH2 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL19W01-NH2(T32
2010-12-13
4
TL19W01-NH2
0
300
400
500
600
700
800
0.2
0.4
0.6
0.8
1.0
IF – VF
(typ.)
Ta = 25°C
Radiation pattern
(typ.)
ΦV – IF
(typ.)
Forward Current IF (mA)
Forward Voltage VF (V)
Relative ΦV – Ta
(typ.)
Ambient Temperature Ta (°C)
Wavelength characteristic
(typ.)
Wavelength
λ (nm)
0.1
1
10
-40
-20
0
20
40
60
80
100
IF= 300mA
Ta
= 25°C
0.01
10
300
1000
30
100
0.03
0.1
0.3
1
3
50
500
5000
Ta
= 25°C
3000
10
30
100
300
1000
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°


Similar Part No. - TL19W01-NH2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL19W01-N TOSHIBA-TL19W01-N Datasheet
280Kb / 10P
   LED lamps
TL19W01-N-T32 TOSHIBA-TL19W01-N-T32 Datasheet
280Kb / 10P
   LED lamps
More results

Similar Description - TL19W01-NH2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com