Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLPYE23TP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLPYE23TP
Description  Panel Circuit Indicator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPYE23TP Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLPYE23TP Datasheet HTML 1Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 2Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 3Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 4Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 5Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 6Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TL(PGE,FGE,GE,PYE)23TP(F)
2009-01-26
6
TLPYE23TP(F)
Forward voltage VF (V)
IF – VF
2.0
1.6
2.3
50
30
10
3
1
1.7
2.1
5
100
1.8
1.9
2.2
Ta
= 25°C
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
580
540
660
0.8
0
0.6
1.0
0.2
0.4
560
600
620
640
IF = 20 mA
Ta
= 25°C
Case temperature Tc (°C)
IV – Tc
20
−20
80
5
0.1
3
10
1
0.3
0.5
0
40
60
Radiation pattern
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Forward current IF (mA)
IV – IF
10
1
100
10000
100
30000
3
5
30
50
1000
Ta
= 25°C
3000
300


Similar Part No. - TLPYE23TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLPYE23TP TOSHIBA-TLPYE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLPYE23TP TOSHIBA-TLPYE23TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPYE23TP TOSHIBA-TLPYE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
TLPYE23TPF TOSHIBA-TLPYE23TPF Datasheet
206Kb / 7P
   Panel Circuit Indicator
More results

Similar Description - TLPYE23TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com