Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3295AUT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3295AUT
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3295AUT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3295AUT Datasheet HTML 2Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 3Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 4Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 5Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 6Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 7Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 8Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 9Page - Maxim Integrated Products MAX3295AUT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
0
10
20
30
40
TEMPERATURE (
°C)
-40
20
50
80
-10
110
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
tPHL
tPLH
RDIFF = 54
Ω
CL = 50pF
0
1
2
3
4
OUTPUT SKEW vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
50
80
-10
110
DRIVER-OUTPUT CURRENT
vs. DRIVER-OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
0
-100
-40
-60
-80
-20
-120
-7
-5
-3
-1
1
3
5
20
0
10
30
20
40
50
OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE
(V)
1.75
2.75
2.25
2.50
2.00
3.00
3.25
3.50
1.0
2.0
2.5
3.0
3.5
TEMPERATURE (
°C)
-40
20
50
80
-10
110
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
RDIFF = 54
Ω
RDIFF = 100
Ω
1.5
DRIVER-OUTPUT CURRENT
vs. DRIVER-OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
20
80
60
40
100
0
02468
10
12
140
120
0
5
10
20
15
25
MAX3295
SUPPLY CURRENT vs. DATA RATE
DATA RATE (Mbps)
010
515
20
DE = VCC
NO LOAD
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
0
0.5
1.0
1.5
2.0
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
50
80
-10
110
DE = VCC
NO LOAD
NO SWITCHING
0
1.6
1.2
0.8
0.4
2.0
TEMPERATURE (
°C)
-40
20
50
80
-10
110
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
DE = GND
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3295AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3295AUT MAXIM-MAX3295AUT Datasheet
103Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A January 27, 2004
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
More results

Similar Description - MAX3295AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293 Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3293 MAXIM-MAX3293_14 Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3293 MAXIM-MAX3293_V01 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com