Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4062EUB Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4062EUB
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4062EUB Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4062EUB Datasheet HTML 6Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 7Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 8Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 9Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 10Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 11Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 12Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 13Page - Maxim Integrated Products MAX4062EUB Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
10
______________________________________________________________________________________
AUX_IN
9
4
IN-
IN+
7
6
5
VCC
2.4V TO 5.5V
MAX4062
2
GND
8
VBIAS
G2
G1
BIAS
RBIAS
CBIAS
100k
Ω
OUT 3
INT/AUX
10
1
x10
Figure 1. MAX4062 with Auxiliary Input Configuration
ential inputs and to set the lower 3dB point (fCUT) of the
amplifier by sizing the output capacitor appropriately.
The input impedance matching on the differential input
is typically 1%, allowing input capacitor matching to be
effective at improving low-frequency PSRR.
Common-Mode Rejection Ratio
The common-mode rejection ratio (CMRR) refers to the
amount of rejection that the amplifier is capable of pro-
viding to any signal applied equally to the IN+ and IN-
inputs. In the case of amplifying low-level microphone
signals in noisy digital environments, it is a key figure of
merit. In audio circuits, this is generally measured for
VIN as an AC signal:
CMRR(dB) = ADM / ACM
where ADM is the differential gain, ACM is the common-
mode gain.
Input voltages are sufficiently small such that the output
is not clipped in either differential or common-mode
application. The topology used in the MAX4061/
MAX4062 means that the CMRR actually improves at
higher differential gains—another advantage of using
differential sensing.
Auxiliary Input
The auxiliary input is a single-ended input intended to
be used with a jack-socket-type microphone input
(Figure 1). Internal DC-bias components (as on the
main inputs) allow the input signal to be AC-coupled.
Mechanically switched jack sockets can be used in
conjunction with the INT/AUX select pin, allowing the
auxiliary microphone input to be automatically selected
when a jack socket is inserted.
Microphone Bias Voltage
MAX4060
The MAX4060 has a microphone bias voltage designed
to comply with the Microsoft/Intel PC99/2001 audio
standard. It features source impedance of greater than
2k
Ω, and delivers more than 2V of bias when loaded
with a current of 800μA. This limits operation of this part
to supplies between 4.5V to 5.5V (see Figure 2).


Similar Part No. - MAX4062EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4062EUB MAXIM-MAX4062EUB Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4062EUB MAXIM-MAX4062EUB Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4062EUB++ MAXIM-MAX4062EUB+ Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results

Similar Description - MAX4062EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com