Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4062 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4062
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4062 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4062 Datasheet HTML 2Page - Maxim Integrated Products MAX4062 Datasheet HTML 3Page - Maxim Integrated Products MAX4062 Datasheet HTML 4Page - Maxim Integrated Products MAX4062 Datasheet HTML 5Page - Maxim Integrated Products MAX4062 Datasheet HTML 6Page - Maxim Integrated Products MAX4062 Datasheet HTML 7Page - Maxim Integrated Products MAX4062 Datasheet HTML 8Page - Maxim Integrated Products MAX4062 Datasheet HTML 9Page - Maxim Integrated Products MAX4062 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3V (MAX4061/MAX4062), VCC = 5V for MAX4060, AV = 10V/V, RL
≥ 100kΩ to 1.5V, SHDN = VCC (MAX4061 only),
MAX4060
MIC BIAS VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
2.125
2.150
2.175
2.200
2.225
2.250
2.275
2.300
2.100
-40
85
IBIAS = 800
μA
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (DIFF INPUT)
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
VOUT = 2.26VP-P
VCC = 5V
VCC = 3V
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (AUX INPUT)
VCC = 3V
VCC = 5V
VOUT = 2.26VP-P
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT AMPLITUDE
(DIFF INPUT, VCC = 3V)
OUTPUT VOLTAGE (VP-P)
2.5
2.0
1.5
1.0
0.5
0.01
0.1
1
10
0.001
0
3.0
f = 10kHz
f = 1kHz
BW = 22kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT AMPLITUDE
(DIFF INPUT, VCC = 5V)
OUTPUT VOLTAGE (VP-P)
3.0
2.5
2.0
1.5
1.0
0.5
0.01
0.1
1
10
0.001
0
3.5
f = 10kHz
f = 1kHz
BW = 22kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT AMPLITUDE
(AUX INPUT, VCC = 3V)
OUTPUT VOLTAGE (VP-P)
2.5
2.0
1.5
1.0
0.5
0.01
0.1
1
10
0.001
0
3.0
f = 10kHz
f = 1kHz
BW = 22kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT AMPLITUDE
(AUX INPUT, VCC = 5V)
OUTPUT VOLTAGE (VP-P)
3.0
2.5
2.0
1.5
1.0
0.5
0.01
0.1
1
10
0.001
0
3.5
f = 10kHz
f = 1kHz
BW = 22kHz
FREQUENCY (Hz)
10k
1k
100
100
200
300
400
500
600
700
800
0
10
100k
INPUT-REFERRED NOISE
vs. FREQUENCY (DIFF INPUT)
MAX4060
MIC BIAS OUTPUT NOISE
MAX4060 toc18
100ms/div
5
μV/div
VCC = 5V
BW = 22Hz TO 22kHz


Similar Part No. - MAX4062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4062 MAXIM-MAX4062 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4062EUB MAXIM-MAX4062EUB Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4062EUB MAXIM-MAX4062EUB Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4062EUB++ MAXIM-MAX4062EUB+ Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results

Similar Description - MAX4062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com