Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWK1100CT11 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLWK1100CT11
Description  Panel Circuit Indicators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWK1100CT11 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLWK1100CT11 Datasheet HTML 1Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 2Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 3Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 4Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 5Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 6Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 7Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 8Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLWK1100C(T11)
2008-12-26
5
Packaging
This LED device is packed in an aluminum envelope with a silica gel and a moisture indicator to avoid moisture
absorption. The optical characteristics of the device may be affected by exposure to moisture in the air before
soldering and the device should therefore be stored under the following conditions:
1. This moisture proof bag may be stored unopened within 12 months at the following conditions.
Temperature: 5
°C to 30°C
Humidity: 90% (max)
2. After opening the moisture proof bag, the device should be assembled within 168 hours in an environment of
5°C to 30°C / 60% RH or below.
3. If upon opening, the moisture indicator card shows humidity 30% or above (Color of indication changes to
pink) or the expiration date has passed, the device should be baked in taping with reel.
After baking, use the baked device within 72 hours, but perform baking only once.
Baking conditions: 60
± 5°C, for 24 to 48 hours.
Expiration date: 12 months from sealing date, which is imprinted on the label affixed.
4. Repeated baking can cause the peeling strength of the taping to change, then leads to trouble in mounting.
5. If the packing material of laminate would be broken, the hermeticity would deteriorate. Therefore, do not
throw or drop the packed devices.
Mounting Method
Soldering
Reflow soldering (example)
• The product is evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of
opening the package.
Second reflow soldering
In case of second reflow soldering should be performed within 168 h of the first reflow under the above
conditions.
Storage conditions before the second reflow soldering: 30
°C, 60% RH (max)
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron: 25 W
Temperature: 300
°C or less
Time:
within 3 s
• Do not perform wave soldering.
Recommended soldering pattern
1.65
1.15
2.41
Unit: mm
1.65
60 to 120
10 s max
240
°C max
4
°C/s max
140 to 160
°C
4
°C/s max
Time (s)
Temperature profile for Pb soldering (example)
Time (s)
Temperature profile for Pb-free soldering (example)
150 to 180
°C
4
°C/s max
5 s max
260
°C max
4
°C/s max
230
°C
60 to 120 s
(*)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
max
(*)
max
(*)
max
(*)
30 to 50 s max
(*)
max
(*)


Similar Part No. - TLWK1100CT11

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
More results

Similar Description - TLWK1100CT11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com