Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWWK1100BT11 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLWWK1100BT11
Description  Panel Circuit Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWWK1100BT11 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLWWK1100BT11 Datasheet HTML 1Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 2Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 3Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 4Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 5Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 6Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 7Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 8Page - Toshiba Semiconductor TLWWK1100BT11 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLWWK1100B(T11)
2009-01-14
TOSHIBA LED Lamp
TLWWK1100B(T11)
Panel Circuit Indicator
• Surface-mount devices
• 3.2 (L) × 2.9 (W) × 1.9 (H) mm
• LED chip + phosphor
• Luminous intensity : Iv = 1500 mcd (typ.) @20mA
• Color: Warm White, Color temperature 3500K(typ)
• Topr / Tstg = -40 to 100°C
• Applications: back-lighting for automotive use,
general lighting, etc.
• Standard embossed tape packing: T11 (2000 pcs / reel)
8-mm tape reel
Color and Material
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
(Note 1)
IF
30
mA
Power Dissipation
PD
114
mW
Operating Temperature
Topr
−40 to 100
°C
Storage Temperature
Tstg
−40 to 100
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: Forward current derating
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3V1
Weight: 0.035 g (typ.)
Product Name
Color
Material
TLWWK1100B
Warm White
InGaN
IF – Ta
0
0
20
40
60
80
100
120
5
10
15
20
25
30
35
Ambient temperature Ta (°C)
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Similar Part No. - TLWWK1100BT11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW7900 VISHAY-TLWW7900 Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWW9600 VISHAY-TLWW9600 Datasheet
143Kb / 6P
   TELUX-TM LED
Rev. A3, 22-Apr-03
TLWW9900 VISHAY-TLWW9900 Datasheet
172Kb / 6P
   TELUX LED
Rev. A1, 22-Apr-03
More results

Similar Description - TLWWK1100BT11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com