Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-235UWC-TR8 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 67-235UWC-TR8
Description  Luminosity white Color LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-235UWC-TR8 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 67-235UWC-TR8_09 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 67-235UWC-TR8_09 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-04-21 07:52:52.0
Technical Data Sheet
Luminosity white Color LED
67-235UWC/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 11
Device No.: DSE-0001122
Prepared date: 14-Apr-2009
Prepared by: Josh Chou
Reliability Test Items and Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260 ±5
Min.
5sec.
6 Min.
22 PCS.
0/1
2
Temperature Cycle
H : +100
15min
∫ 5 min
L : -40
15min
300 Cycles
22 PCS.
0/1
3
Thermal Shock
H : +100
5min
∫ 10 sec
L : -10
5min
300 Cycles
22 PCS.
0/1
4
High Temperature Storage
Temp. : 100℃
1000 Hrs.
22 PCS.
0/1
5
Low Temperature Storage
Temp. : -40℃
1000 Hrs.
22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature / High
Humidity
85 / 85%RH
1000 Hrs.
22 PCS.
0/1


Similar Part No. - 67-235UWC-TR8_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-235UWC-TR8 EVERLIGHT-67-235UWC-TR8 Datasheet
252Kb / 11P
   Technical Data Sheet - Preliminary Luminosity White Color LED
More results

Similar Description - 67-235UWC-TR8_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
59-14UWD-TR8 EVERLIGHT-59-14UWD-TR8 Datasheet
162Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com