Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14895E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14895E
Description  Enhanced VGA Port Protector DDC Outputs have Internal Pullups
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14895E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14895E Datasheet HTML 1Page - Maxim Integrated Products MAX14895E Datasheet HTML 2Page - Maxim Integrated Products MAX14895E Datasheet HTML 3Page - Maxim Integrated Products MAX14895E Datasheet HTML 4Page - Maxim Integrated Products MAX14895E Datasheet HTML 5Page - Maxim Integrated Products MAX14895E Datasheet HTML 6Page - Maxim Integrated Products MAX14895E Datasheet HTML 7Page - Maxim Integrated Products MAX14895E Datasheet HTML 8Page - Maxim Integrated Products MAX14895E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX14895E
Enhanced VGA Port Protector
Note 2: All devices are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design and not production tested.
Note 3: Guaranteed by design.
ELECTRICAL CHARACTERISTICS* (continued)
(VCC = +4.75V to +5.25V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +5V, TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNCH0, SYNCV0 Leakage
Current
SYNCH0/SYNCV0 = GND or VCC
-1
+1
F
A
EN, EN Input Resistance
EN = VCC, EN = GND
200
800
kI
SYNCH1, SYNCV1
Output Logic-High
VOH
VCC = +4.75V, source 10mA
2.4
V
Output Logic-Low
VOL
VCC = +4.75V, sink 10mA
0.5
V
Rising Time
tR
RL = 2.2kI, CL = 10pF, 10% to 90% of VCC
(Note 3)
4
ns
Falling Time
tF
RL = 2.2kI, CL = 10pF, 90% to 10% of VCC
(Note 3)
4
ns
Propagation Delay
tPD
RL = 2.2kI, CL = 10pF, EN = VCC, EN =
GND (Figure 1)
16
ns
Enable Time
tEN
RL = 2.2kI, CL = 10pF, VSYNCH1, VSYNCV1
= +4.75V (Figure 1)
17
F
s
SDA�, SCL� (DDC)
On-Resistance
RON
VSDA0 = VSCL0 = 0.5V, ILOAD = 10mA
55
I
SDA0, SCL0 Off-Leakage Current
EN = GND, EN = VCC,
SDA0 = SCL0 = VCC, SDA1 = SCL1 = GND
-1
+1
F
A
SDA1, SCL1 Reverse-Leakage
Current
VCC = 0V, VS = +5.25V,
VSDA1 = VSCL1 = +5.25V
-10
+10
F
A
SDA1, SCL1 Pullup Resistor
RPULLUP
VCC = +4.75V, SDA0 = SCL0 =
unconnected, EN = VCC , EN = GND,
ILOAD = 100FA
1.25
2.5
4.0
kI
VS OUTPUT
Forward Voltage Drop
ILOAD = 60mA, VCC = 5V
0.25
V
Reverse-Leakage Current
VCC = 0V, VS = 5.25V
10
F
A
Current Limit
ILIM
200
600
mA
Discharge Resistor
RVS
ILOAD = 1mA
300
500
I
THERMAL SHUTDOWN
Thermal Shutdown Threshold
+150
N
C
Thermal Shutdown Hysteresis
10
N
C
ESD PROTECTION
SDA1, SCL1, SYNCH1, SYNCV1,
RED, GRN, BLU, EN, VS
HBM
±15
kV
IEC 61000-4-2 Contact
±8
kV
*The parametric values (min, typ, max limits) shown in the Electrical Characteristics table supersede values quoted elsewhere in this data sheet.


Similar Part No. - MAX14895E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
MAX1489E MAXIM-MAX1489E Datasheet
80Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Rev 0; 8/95
MAX1489E MAXIM-MAX1489E Datasheet
510Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
MAX1489EC/D MAXIM-MAX1489EC/D Datasheet
80Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Rev 0; 8/95
MAX1489EC/D MAXIM-MAX1489EC/D Datasheet
510Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
More results

Similar Description - MAX14895E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4895E MAXIM-MAX4895E_V01 Datasheet
150Kb / 8P
   VGA Port Protector
2010
MAX4895E MAXIM-MAX4895E Datasheet
138Kb / 8P
   VGA Port Protector
Rev 0; 4/09
MAX14984 MAXIM-MAX14984 Datasheet
1Mb / 12P
   Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Rev 0; 3/12
logo
Cirrus Logic
CL-GD610 CIRRUS-CL-GD610 Datasheet
10Mb / 316P
   Flat Panel/CRT Enhanced VGA :Controller
July, 1989
logo
Maxim Integrated Produc...
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
logo
STMicroelectronics
AN4429 STMICROELECTRONICS-AN4429 Datasheet
171Kb / 14P
   The RPC56xx and SPC56xx families of devices have internal Flash
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com