Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15026 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15026
Description  Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15026 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15026 Datasheet HTML 1Page - Maxim Integrated Products MAX15026 Datasheet HTML 2Page - Maxim Integrated Products MAX15026 Datasheet HTML 3Page - Maxim Integrated Products MAX15026 Datasheet HTML 4Page - Maxim Integrated Products MAX15026 Datasheet HTML 5Page - Maxim Integrated Products MAX15026 Datasheet HTML 6Page - Maxim Integrated Products MAX15026 Datasheet HTML 7Page - Maxim Integrated Products MAX15026 Datasheet HTML 8Page - Maxim Integrated Products MAX15026 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX15026 synchronous step-down controller oper-
ates from a 4.5V to 28V input voltage range and gener-
ates an adjustable output voltage from 85% of the input
voltage down to 0.6V while supporting loads up to 25A.
The device allows monotonic startup into a prebiased
bus without discharging the output and features adap-
tive internal digital soft-start.
The MAX15026 offers the ability to adjust the switching
frequency from 200kHz to 2MHz with an external resis-
tor. The MAX15026’s adaptive synchronous rectification
eliminates the need for an external freewheeling
Schottky diode. The device also utilizes the external
low-side MOSFET’s on-resistance as a current-sense
element, eliminating the need for a current-sense resis-
tor. This protects the DC-DC components from damage
during output overloaded conditions or output short-
circuit faults without requiring a current-sense resistor.
Hiccup-mode current limit reduces power dissipation
during short-circuit conditions. The MAX15026 includes
a power-good output and an enable input with precise
turn-on/turn-off threshold, which can be used for input
supply monitoring and for power sequencing.
Additional protection features include sink-mode cur-
rent limit and thermal shutdown.
Sink-mode current limit prevents reverse inductor cur-
rent from reaching dangerous levels when the device is
sinking current from the output.
The MAX15026 is available in a space-saving and ther-
mally enhanced 3mm x 3mm, 14-pin TDFN-EP pack-
age. The MAX15026 operates over the extended -40°C
to +85°C and automotive -40°C to +125°C temperature
ranges.
The MAX15026C is designed to provide additional mar-
gin for break-before-make times.
Applications
Set-Top Boxes
LCD TV Secondary Supplies
Switches/Routers
Power Modules
DSP Power Supplies
Points-of-Load Regulators
Features
o 4.5V to 28V or 5V ±10% Input Supply Range
o 0.6V to (0.85 x VIN) Adjustable Output
o Adjustable 200kHz to 2MHz Switching Frequency
o Ability to Start into a Prebiased Load
o Lossless, Cycle-by-Cycle Valley Mode Current
Limit with Adjustable, Temperature-Compensated
Threshold
o Sink-Mode Current-Limit Protection
o Adaptive Internal Digital Soft-Start
o ±1% Accurate Voltage Reference
o Internal Boost Diode
o Adaptive Synchronous Rectification Eliminates
External Freewheeling Schottky Diode
o Hiccup-Mode Short-Circuit Protection
o Thermal Shutdown
o Power-Good Output and Enable Input for Power
Sequencing
o ±5% Accurate Enable Input Threshold
o AEC-Q100 Qualified (MAX15026B)
Low-Cost, Small, 4.5V to 28V Wide Operating
Range, DC-DC Synchronous Buck Controller
________________________________________________________________
Maxim Integrated Products
1
2
4
5
*EP
13
11
10
LX
DL
DRV
VCC
EN
LIM
MAX15026
1
+
14
DH
IN
312
BST
PGOOD
69
GND
COMP
78
RT
FB
TDFN
(3mm x 3mm)
TOP VIEW
*EP = EXPOSED PAD.
Pin Configuration
Ordering Information
19-4108; Rev 3; 4/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX15026BETD+
-40°C to +85°C
14 TDFN-EP*
MAX15026BETD/V+T
-40°C to +85°C
14 TDFN-EP*
MAX15026CETD+
-40°C to +85°C
14 TDFN-EP*
MAX15026BATD+
-40°C to +125°C
14 TDFN-EP*
MAX15026CATD+
-40°C to +125°C
14 TDFN-EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad. T = Tape and reel.
/V denotes an automotive qualified part.
MAX15026C recommended for new designs.


Similar Part No. - MAX15026

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026B MAXIM-MAX15026B Datasheet
236Kb / 10P
   600kHz Switching Frequency
Rev 0; 6/08
MAX15026BATD++ MAXIM-MAX15026BATD+ Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026BATD++ MAXIM-MAX15026BATD+ Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
More results

Similar Description - MAX15026

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
logo
Rohm
BD95601MUV-LB ROHM-BD95601MUV-LB Datasheet
2Mb / 25P
   4.5V to 25V Input 1ch Synchronous Buck DC/DC Controller
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Rohm
BD95602MUV ROHM-BD95602MUV Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com