Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16814 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16814
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16814_11 Datasheet HTML 1Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 2Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 3Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 4Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 5Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 6Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 7Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 8Page - Maxim Integrated Products MAX16814_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Integrated, 4-Channel, High-Brightness LED
Driver with High-Voltage DC-DC Controller
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 12V, RRT = 12.25kI, RSETI = 15kI, CVCC = 1FF, VCC = VDRV, NDRV = COMP = OUT_ = unconnected, VRSDT = VDIM
= VCC, VOVP = VCS = VLEDGND = VPGND = VSGND = 0V, TA = TJ = -40NC to +125NC for MAX16814A_ _, TA = -40NC to +85NC for
MAX16814BE_ _, and TA = TJ = 0NC to +85NC for MAX16814U_ _ and MAX16814BU_ _, unless otherwise noted. Typical values are at
TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
fSW = 200kHz to 600kHz, MAX16814A_ _
and MAX16814U_ _
85
89
93
%
fSW = 600kHz to 2000kHz, MAX16814A_ _
and MAX16814U_ _
82
86
90
fSW = 200kHz to 600kHz, MAX16814B_ _
90
94
98
fSW = 600kHz to 2000kHz, MAX16814B _ _ _
86
90
94
Oscillator Frequency Accuracy
fSW = 200kHz to 2MHz, MAX16814A_ _
and MAX16814U_ _
-7.5
+7.5
%
fSW = 200kHz to 2MHz, MAX16814B_ _ _
-7
+7
Sync Rising Threshold
4
V
Minimum Sync Frequency
1.1fSW
Hz
PWM COMPARATOR
PWM Comparator Leading-Edge
Blanking Time
60
ns
PWM to NDRV Propagation Delay
Including leading-edge blanking time
90
ns
SLOPE COMPENSATION
Peak Slope Compensation
Current Ramp Magnitude
Current ramp added to the CS input,
MAX16814A_ _ only
44
49
54
µA x fSW
Current ramp added to the CS input,
MAX16814U_ _ and MAX16814B_ _ _
45
50
55
CS LIMIT COMPARATOR
Current-Limit Threshold
(Note 3)
396
416
437
mV
CS Limit Comparator to NDRV
Propagation Delay
10mV overdrive, excluding leading-edge
blanking time
10
ns
ERROR AMPLIFIER
OUT_ Regulation Voltage
1
V
Transconductance
gM
340
600
880
µS
No-Load Gain
(Note 4)
75
dB
COMP Sink Current
VOUT_ = 5V, VCOMP = 2.5V
160
375
800
µA
COMP Source Current
VOUT_ = 0V, VCOMP = 2.5V
160
375
800
µA
MOSFET DRIVER
NDRV On-Resistance
ISINK = 100mA (nMOS)
0.9
ω
ISOURCE = 100mA (pMOS)
1.1
Peak Sink Current
VNDRV = 5V
2.0
A
Peak Source Current
VNDRV = 0V
2.0
A
Rise Time
CLOAD = 1nF
6
ns
Fall Time
CLOAD = 1nF
6
ns
LED CURRENT SOURCES
OUT_ Current-Sink Range
VOUT_ = VREF
20
150
mA
Channel-to-Channel Matching
IOUT_ = 100mA
±2
%
IOUT_ = 100mA, all channels on
±1.5


Similar Part No. - MAX16814_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com