Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15026BETV Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15026BETV
Description  Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15026BETV Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15026BETV Datasheet HTML 1Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 2Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 3Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 4Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 5Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 6Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 7Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 8Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Low-Cost, Small, 4.5V to 28V Wide Operating
Range, DC-DC Synchronous Buck Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 12V, RRT = 27kΩ, RLIM = 30kΩ, CVCC = 4.7µF, CIN = 1µF, TA = -40°C to +85°C (MAX15026B/CETD+, MAX15026BETD/V+),
TA = TJ = -40°C to +125°C (MAX15026B/CATD+), unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Dissipation wattage values are based on still air with no heatsink. Actual maximum power dissipation is a function of heat
extraction technique and may be substantially higher. Package thermal resistances were obtained using the method
described in JEDEC specification JESD51-7, using a four-layer board. For detailed information on package thermal consid-
erations, refer to www.maxim-ic.com/thermal-tutorial.
IN to GND ...............................................................-0.3V to +30V
BST to GND ............................................................-0.3V to +36V
LX to GND .................................................................-1V to +30V
EN to GND................................................................-0.3V to +6V
PGOOD to GND .....................................................-0.3V to +30V
BST to LX..................................................................-0.3V to +6V
DH to LX ...............................................….-0.3V to (VBST + 0.3V)
DRV to GND .............................................................-0.3V to +6V
DL to GND ................................................-0.3V to (VDRV + 0.3V)
VCC to GND...............-0.3V to the lower of +6V and (VIN + 0.3V)
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
VCC Short Circuit to GND ...........................................Continuous
DRV Input Current.............................................................600mA
PGOOD Sink Current ............................................................5mA
Continuous Power Dissipation (TA = +70°C) (Note 1)
14-Pin TDFN-EP, Multilayer Board
(derate 24.4mW/°C above +70°C) ..............................1951mW
Operating Temperature Range
MAX15026B/CETD+, MAX15026BETD/V+.......-40°C to +85°C
MAX15026B/CATD+ .......................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
4.5
28
Input Voltage Range
VIN
VIN = VCC = VDRV
4.5
5.5
V
Quiescent Supply Current
VFB = 0.9V, no switching
1.75
2.75
mA
Shutdown Supply Current
IIN_SBY
EN = GND
290
500
µA
Enable to Output Delay
480
µs
VCC High to Output Delay
EN = VCC
375
µs
VCC REGULATOR
6V < VIN < 28V, ILOAD = 25mA
Output Voltage
VCC
VIN = 12V, 1mA < ILOAD < 70mA
5.0
5.25
5.5
V
VCC Regulator Dropout
VIN = 4.5V, ILOAD = 70mA
0.28
V
VCC Short-Circuit Output Current
VIN = 5V
100
200
300
mA
VCC Undervoltage Lockout
VCC_UVLO
VCC rising
3.8
4.0
4.2
V
VCC Undervoltage Lockout
Hysteresis
400
mV
ERROR AMPLIFIER (FB, COMP)
FB Input Voltage Set-Point
VFB
585
591
597
mV
FB Input Bias Current
IFB
VFB = 0.6V
-250
+250
nA
FB to COMP Transconductance
gM
ICOMP = ±20µA
600
1200
1800
µS
Amplifier Open-Loop Gain
80
dB
Amplifier Unity-Gain Bandwidth
Capacitor from COMP to GND = 50pF
4
MHz
VCOMP-RAMP Minimum Voltage
160
mV
COMP Source/Sink Current
ICOMP
VCOMP = 1.4V
50
80
110
µA


Similar Part No. - MAX15026BETV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026BETD++ MAXIM-MAX15026BETD+ Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026BETD++ MAXIM-MAX15026BETD+ Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026BETD/V+T MAXIM-MAX15026BETD/V+T Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
More results

Similar Description - MAX15026BETV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
logo
Rohm
BD95601MUV-LB ROHM-BD95601MUV-LB Datasheet
2Mb / 25P
   4.5V to 25V Input 1ch Synchronous Buck DC/DC Controller
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Rohm
BD95602MUV ROHM-BD95602MUV Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com