Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16814UTP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16814UTP
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814UTP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16814UTP Datasheet HTML 1Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 2Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 3Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 4Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 5Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 6Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 7Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 8Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Integrated, 4-Channel, High-Brightness LED
Driver with High-Voltage DC-DC Controller
General Description
The MAX16814 high-efficiency, high-brightness LED (HB
LED) driver provides up to four integrated LED current-
sink channels. An integrated current-mode switching
DC-DC controller drives a DC-DC converter that pro-
vides the necessary voltage to multiple strings of HB
LEDs. The MAX16814 accepts a wide 4.75V to 40V input
voltage range and withstands direct automotive load-
dump events. The wide input range allows powering HB
LEDs for small to medium-sized LCD displays in automo-
tive and general lighting applications.
An internal current-mode switching DC-DC controller
supports the boost, coupled-inductor boost-buck, or
SEPIC topologies and operates in an adjustable fre-
quency range between 200kHz and 2MHz. It can also be
used for single-inductor boost-buck topology in conjunc-
tion with the MAX15054 and an additional MOSFET. The
current-mode control with programmable slope com-
pensation provides fast response and simplifies loop
compensation. The MAX16814 also features an adaptive
output-voltage control scheme that minimizes the power
dissipation in the LED current-sink paths.
The MAX16814 consists of four identical linear current
source channels to drive four strings of HB LEDs. The
channel current is adjustable from 20mA to 150mA with
an accuracy of ±3% using an external resistor. The
external resistor sets all 4-channel currents to the same
value. The device allows connecting multiple channels
in parallel to achieve higher current per LED string. The
MAX16814 also features pulsed dimming control, on all
four channels through a logic input (DIM). In addition,the
MAX16814A_ _ and MAX16814U_ _ include a unique
feature that allows a very short minimum pulse width as
low as 1µs.
The MAX16814 includes an output overvoltage, open-
LED detection and protection, programmable shorted
LED detection and protection, and overtemperature pro-
tection. The device operates over the -40NC to +125NC
automotive temperature range. The MAX16814 is avail-
able in 6.5mm x 4.4mm, 20-pin TSSOP and 4mm x 4mm,
20-pin TQFN packages.
Applications
Automotive Displays LED Backlights
Automotive RCL, DRL, Front Position, and Fog
Lights
LCD TV and Desktop Display LED Backlights
Architectural, Industrial, and Ambient Lighting
Features
S
4-Channel Linear LED Current Sinks with Internal
MOSFETs
Full-Scale LED Current Adjustable from 20mA
to 150mA
Drives One to Four LED Strings
S
Boost, SEPIC, or Coupled-Inductor Boost-Buck
Current-Mode DC-DC Controller
200kHz to 2MHz Programmable Switching
Frequency
External Switching Frequency Synchronization
S
Adaptive Output-Voltage Optimization to Minimize
Power Dissipation
S
4.75V to 40V Operating Input Voltage Range
S
Less than 40µA Shutdown Current
S
5000:1 PWM Dimming at 200Hz (MAX16814A _ _
and MAX16814U_ _ Only)
S
Open-Drain Fault Indicator Output
S
Open-LED and LED Short Detection and
Protection
S
Overtemperature Protection
S
Thermally Enhanced, 20-Pin TQFN and TSSOP
Packages
Typical Operating Circuit and Pin Configurations appear at
end of data sheet.
19-4722; Rev 5; 3/11
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
/V Denotes an automotive qualified part.
Ordering Information
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX16814ATP+
-40
°C to +125°C
20 TQFN-EP*
MAX16814ATP/V+
-40
°C to +125°C
20 TQFN-EP*
MAX16814AUP+
-40
°C to +125°C
20 TSSOP-EP*
MAX16814AUP/V+
-40
°C to +125°C
20 TSSOP-EP*
MAX16814BETP+
-40
°C to +85°C
20 TQFN-EP*
MAX16814BEUP+
-40
°C to +85°C
20 TSSOP-EP*
MAX16814BUTP+
0
°C to +85°C
20 TQFN-EP*
MAX16814BUUP+
0
°C to +85°C
20 TSSOP-EP*
MAX16814UTP+
0
°C to +85°C
20 TQFN-EP*
MAX16814UUP+
0
°C to +85°C
20 TSSOP-EP*


Similar Part No. - MAX16814UTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814UTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com