Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR15-1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAR15-1
Description  Silicon PIN Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR15-1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAR15-1 Datasheet HTML 1Page - Infineon Technologies AG BAR15-1 Datasheet HTML 2Page - Infineon Technologies AG BAR15-1 Datasheet HTML 3Page - Infineon Technologies AG BAR15-1 Datasheet HTML 4Page - Infineon Technologies AG BAR15-1 Datasheet HTML 5Page - Infineon Technologies AG BAR15-1 Datasheet HTML 6Page - Infineon Technologies AG BAR15-1 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-04-19
1
BAR1.../BAR61...
Silicon PIN Diode
• RF switch, RF attenuator for frequencies
above 10 MHz
• Low distortion faktor
• Long-term stability of electrical characteristics
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAR14-1
BAR16-1
BAR61
BAR15-1
!

,
, 
!

,
, 

"
!
, 
,
, !
!

,
, 
Type
Package
Configuration
LS(nH)
Marking
BAR14-1
BAR15-1
BAR16-1
BAR61
SOT23
SOT23
SOT23
SOT143
series
common cathode
common anode
PI element
1.8
1.8
1.8
2
L7s
L8s
L9s
61s
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
100
V
Forward current
IF
140
mA
Total power dissipation
TS ≤ 65°C
Ptot
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 340
K/W
1Pb-containing package may be available upon special request
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAR15-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR15-1 SIEMENS-BAR15-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR15-1 INFINEON-BAR15-1 Datasheet
448Kb / 4P
   Silicon PIN Diode
Dec-20-2002
BAR15-1 INFINEON-BAR15-1 Datasheet
848Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR15-1 INFINEON-BAR15-1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
More results

Similar Description - BAR15-1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com