Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-40 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BC817-40
Description  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817-40 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BC817-40 Datasheet HTML 1Page - Infineon Technologies AG BC817-40 Datasheet HTML 2Page - Infineon Technologies AG BC817-40 Datasheet HTML 3Page - Infineon Technologies AG BC817-40 Datasheet HTML 4Page - Infineon Technologies AG BC817-40 Datasheet HTML 5Page - Infineon Technologies AG BC817-40 Datasheet HTML 6Page - Infineon Technologies AG BC817-40 Datasheet HTML 7Page - Infineon Technologies AG BC817-40 Datasheet HTML 8Page - Infineon Technologies AG BC817-40 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2008-04-11
4
BC817.../BC818...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
fT
-
170
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz1)
VCB = 10 V, f = 1 MHz2)
Ccb
-
-
6
3
-
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz1)
VEB = 0.5 V, f = 1 MHz2)
Ceb
-
-
60
40
-
-
1For all BC817 and BC818 subtypes
2For all BC817K and BC818K subtypes


Similar Part No. - BC817-40

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC817-40 DIOTEC-BC817-40 Datasheet
153Kb / 2P
   SMD General Purpose NPN Transistors
logo
NXP Semiconductors
BC817-40 PHILIPS-BC817-40 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Galaxy Semi-Conductor H...
BC817-40 BILIN-BC817-40 Datasheet
171Kb / 4P
   NPN General Purpose Amplifier
logo
Guangdong Kexin Industr...
BC817-40 KEXIN-BC817-40 Datasheet
1Mb / 2P
   NPN Transistors
logo
SHENZHEN SLS TECHNOLOGY...
BC817-40 SHENZHENSLS-BC817-40 Datasheet
477Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - BC817-40

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com