Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BW Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BC856BW
Description  PNP Silicon AF Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC856BW Datasheet(HTML) 5 Page - Infineon Technologies AG

  BC856BW Datasheet HTML 1Page - Infineon Technologies AG BC856BW Datasheet HTML 2Page - Infineon Technologies AG BC856BW Datasheet HTML 3Page - Infineon Technologies AG BC856BW Datasheet HTML 4Page - Infineon Technologies AG BC856BW Datasheet HTML 5Page - Infineon Technologies AG BC856BW Datasheet HTML 6Page - Infineon Technologies AG BC856BW Datasheet HTML 7Page - Infineon Technologies AG BC856BW Datasheet HTML 8Page - Infineon Technologies AG BC856BW Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2008-04-29
5
BC856...-BC860...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
1.5
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
8
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h11e
-
-
-
2.7
4.5
8.7
-
-
-
k
Open-circuit reverse voltage transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h12e
-
-
-
1.5
2
3
-
-
-
10-4
Short-circuit forward current transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h21e
-
-
-
200
330
600
-
-
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h22e
-
-
-
18
30
60
-
-
-
µS
Noise figure
IC = 0.2 mA, VCE = 5 V, f = 1 kHz,
D f = 200 Hz, RS = 2 kΩ, BC859, BC850
F
-
1
4
dB
Equivalent noise voltage
IC = 200 mA, VCE = 5 V, RS = 2 kΩ,
f = 10...50 Hz, BC860
Vn
-
-
0.11
µV


Similar Part No. - BC856BW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856BW SIEMENS-BC856BW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC856BW DIOTEC-BC856BW Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Diodes Incorporated
BC856BW DIODES-BC856BW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Central Semiconductor C...
BC856BW CENTRAL-BC856BW Datasheet
407Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BC856BW INFINEON-BC856BW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC856BW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com