Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW61C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCW61C
Description  PNP Silicon AF Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW61C Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCW61C Datasheet HTML 1Page - Infineon Technologies AG BCW61C Datasheet HTML 2Page - Infineon Technologies AG BCW61C Datasheet HTML 3Page - Infineon Technologies AG BCW61C Datasheet HTML 4Page - Infineon Technologies AG BCW61C Datasheet HTML 5Page - Infineon Technologies AG BCW61C Datasheet HTML 6Page - Infineon Technologies AG BCW61C Datasheet HTML 7Page - Infineon Technologies AG BCW61C Datasheet HTML 8Page - Infineon Technologies AG BCW61C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2007-10-18
3
BCW61..., BCX71...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 , BCW61...
IC = 10 mA, IB = 0 , BCX71...
V(BR)CEO
32
45
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0 , BCW61...
IC = 10 µA, IE = 0 , BCX71...
V(BR)CBO
32
45
-
-
-
-
Emitter-base breakdown voltage
IE = 1 µA, IC = 0
V(BR)EBO
5
-
-
Collector-base cutoff current
VCB = 32 V, IE = 0
VCB = 45 V, IE = 0
VCB = 32 V, IE = 0 , TA = 150 °C, BCW61...
VCB = 45 V, IE = 0 , TA = 150 °C, BCX71...
ICBO
-
-
-
-
-
-
-
-
0.02
0.02
20
20
µA
Emitter-base cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
20
nA
DC current gain1)
IC = 10 µA, VCE = 5 V, hFE-grp. A/G
IC = 10 µA, VCE = 5 V, hFE-grp. B/H
IC = 10 µA, VCE = 5 V, hFE-grp. C/J
IC = 10 µA, VCE = 5 V, hFE-grp. D/K
IC = 2 mA, VCE = 5 V, hFE-grp. A/G
IC = 2 mA, VCE = 5 V, hFE-grp. B/H
IC = 2 mA, VCE = 5 V, hFE-grp. C/J
IC = 2 mA, VCE = 5 V, hFE-grp. D/K
IC = 50 mA, VCE = 1 V, hFE-grp. A/G
IC = 50 mA, VCE = 1 V, hFE-grp. B/H
IC = 50 mA, VCE = 1 V, hFE-grp. C/J
IC = 50 mA, VCE = 1 V, hFE-grp. D/K
hFE
20
30
40
100
120
180
250
380
60
80
100
110
140
200
300
460
170
250
350
500
-
-
-
-
-
-
-
-
220
310
460
630
-
-
-
-
-


Similar Part No. - BCW61C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61C PHILIPS-BCW61C Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
BCW61C NXP-BCW61C Datasheet
127Kb / 6P
   PNP general purpose transistors
1999 Apr 12
logo
Samsung semiconductor
BCW61C SAMSUNG-BCW61C Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCW61C SECOS-BCW61C Datasheet
1Mb / 2P
   -0.1A , -32V PNP Plastic Encapsulated Transistor
logo
Siemens Semiconductor G...
BCW61C SIEMENS-BCW61C Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW61C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com