Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4132 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK4132
Description  2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4132 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  STK4132 Datasheet HTML 1Page - Sanyo Semicon Device STK4132 Datasheet HTML 2Page - Sanyo Semicon Device STK4132 Datasheet HTML 3Page - Sanyo Semicon Device STK4132 Datasheet HTML 4Page - Sanyo Semicon Device STK4132 Datasheet HTML 5Page - Sanyo Semicon Device STK4132 Datasheet HTML 6Page - Sanyo Semicon Device STK4132 Datasheet HTML 7Page - Sanyo Semicon Device STK4132 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


Similar Part No. - STK4132

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STK4132 ISC-STK4132 Datasheet
117Kb / 1P
   2ch AF Power Amplifier
logo
List of Unclassifed Man...
STK4132II ETC1-STK4132II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
STK4132V ETC1-STK4132V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4132

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK401-250 SANYO-STK401-250 Datasheet
187Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 30W 30 W, THD = 0.08%???????
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-330 SANYO-STK401-330 Datasheet
172Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 100W 100 W, THD = 0.08%??????????
STK401-270 SANYO-STK401-270 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 40W 40 W, THD = 0.08%?????????
STK4131V SANYO-STK4131V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.08%)
STK405-070 SANYO-STK405-070 Datasheet
152Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 40W 40 W min, THD =10%??????????
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com