Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFN38 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFN38
Description  NPN Silicon High-Voltage Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFN38 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFN38 Datasheet HTML 1Page - Infineon Technologies AG BFN38 Datasheet HTML 2Page - Infineon Technologies AG BFN38 Datasheet HTML 3Page - Infineon Technologies AG BFN38 Datasheet HTML 4Page - Infineon Technologies AG BFN38 Datasheet HTML 5Page - Infineon Technologies AG BFN38 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2007-03-29
2
BFN38
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO 300
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IE = 0
V(BR)CBO 300
-
-
Emitter-base breakdown voltage
IE = 100 µA, IC = 0
V(BR)EBO
6
-
-
Collector-base cutoff current
VCB = 250 V, IE = 0
VCB = 250 V, IE = 0 , TA = 150 °C
ICBO
-
-
-
-
0.1
20
µA
Emitter-base cutoff current
VEB = 5 V, IC = 0
IEBO
-
-
100
nA
DC current gain1)
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 30 mA, VCE = 10 V
hFE
25
40
30
-
-
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
VCEsat
-
-
0.5
V
Base emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
VBEsat
-
-
0.9
AC Characteristics
Transition frequency
IC = 20 MHz, VCE = 10 V, f = 20 MHz
fT
-
70
-
MHz
Collector-base capacitance
VCB = 30 V, f = 1 MHz
Ccb
-
1.5
-
pF
1Pulse test: t < 300µs; D < 2%


Similar Part No. - BFN38

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN38 SIEMENS-BFN38 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Infineon Technologies A...
BFN38 INFINEON-BFN38 Datasheet
45Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Zetex Semiconductors
BFN38 ZETEX-BFN38 Datasheet
45Kb / 1P
   SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results

Similar Description - BFN38

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com