Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP520 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP520
Description  NPN Silicon RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP520_10 Datasheet HTML 2Page - Infineon Technologies AG BFP520_10 Datasheet HTML 3Page - Infineon Technologies AG BFP520_10 Datasheet HTML 4Page - Infineon Technologies AG BFP520_10 Datasheet HTML 5Page - Infineon Technologies AG BFP520_10 Datasheet HTML 6Page - Infineon Technologies AG BFP520_10 Datasheet HTML 7Page - Infineon Technologies AG BFP520_10 Datasheet HTML 8Page - Infineon Technologies AG BFP520_10 Datasheet HTML 9Page - Infineon Technologies AG BFP520_10 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2010-08-16
BFP520
Noise figure F =
ƒ(I
C)
VCE = 2 V, f = 1.8 GHz
0
5
10
15
20
25
30
mA
40
IC
0
0.5
1
1.5
2
dB
3
Zs = 50Ohm
Zs = Zsopt
Minimum noise figure NFmin= ƒ(f)
VCE = 2 V, ZS = ZSopt
0
1
2
3
4
5
GHz
6.5
f
0
0.5
1
1.5
2
dB
3
IC = 5 mA
IC = 2 mA
Source impedance for min.
noise figure vs. frequency
VCE = 2 V, IC = 2 mA / 5 mA
100
+j10
-j10
50
+j25
-j25
25
+j50
-j50
10
+j100
-j100
0
3GHz
4GHz
5GHz
6GHz
0.45GHz
0.9GHz
1.8GHz
2mA
5mA


Similar Part No. - BFP520_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results

Similar Description - BFP520_10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com