Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP620F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP620F
Description  NPN Silicon Germanium RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP620F_07 Datasheet HTML 2Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 3Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 4Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 5Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 6Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 7Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 8Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 9Page - Infineon Technologies AG BFP620F_07 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2007-04-20
BFP620F
8
Source impedance for min.
noise figure vs. frequency
VCE = 1.5V, IC = 5.0mA/50.0mA
1
0.1
0.2 0.3 0.4 0.5
2
1.5
3
4 5
0
5
1
−5
−1
10
0.5
1.5
−0.5
−1.5
0.1
−0.1
0.2
2
−0.2
−2
0.3
−0.3
0.4
3
−0.4
−3
4
−4
−10
I
c
= 5.0mA
2.4GHz
3GHz
4GHz
1.8GHz
I
c
= 50mA
6GHz
5GHz


Similar Part No. - BFP620F_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP620FE7764 INFINEON-BFP620FE7764 Datasheet
195Kb / 6P
   NPN Silicon Germanium RF Transistor
Oct-20-2003
BFP620FH7764 INFINEON-BFP620FH7764 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-04-20
BFP620F INFINEON-BFP620F_13 Datasheet
629Kb / 9P
   Low Noise SiGe:C Bipolar RF Transistor
2013-09-09
More results

Similar Description - BFP620F_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com