Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP650 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BFP650
Description  High Linearity Low Noise SiGe:C NPN RF Transistor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP650 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BFP650_10 Datasheet HTML 6Page - Infineon Technologies AG BFP650_10 Datasheet HTML 7Page - Infineon Technologies AG BFP650_10 Datasheet HTML 8Page - Infineon Technologies AG BFP650_10 Datasheet HTML 9Page - Infineon Technologies AG BFP650_10 Datasheet HTML 10Page - Infineon Technologies AG BFP650_10 Datasheet HTML 11Page - Infineon Technologies AG BFP650_10 Datasheet HTML 12Page - Infineon Technologies AG BFP650_10 Datasheet HTML 13Page - Infineon Technologies AG BFP650_10 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
BFP650
Electrical Characteristics
Data Sheet
10
Revision 1.0, 2010-10-22
4
Electrical Characteristics
4.1
DC Characteristics
4.2
General AC Characteristics
Table 3
DC Characteristics at
T
A =25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Collector emitter breakdown voltage
V
(BR)CEO
44.5
–V
I
C =3mA, IB =0
Open base
Collector emitter leakage current
I
CES
––100
µA
V
CE =13V, VBE =0
–140
nA
V
CE =5 V, VBE =0
Emitter/base shortened
Collector base leakage current
I
CBO
–140
nA
V
CB =5 V, IE =0
Open emitter
Emitter base leakage current
I
EBO
–0.01
3
µA
V
EB =0.5 V, IC =0
Open collector
DC current gain
h
FE
100
170
250
V
CE =3 V, IC =70mA
Pulse measured
Table 4
General AC Characteristics at
T
A =25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Transition frequency
f
T
31
41
GHz
V
CE =3 V, IC =70mA,
f =1GHz
Collector base capacitance
C
CB
0.26
0.4
pF
V
CB =3 V, VBE =0 V
f =1MHz
Emitter grounded
Collector emitter capacitance
C
CE
–0.45
pF
V
CE =3 V, VBE =0 V
f =1MHz
Base grounded
Emitter base capacitance
C
EB
–1.3
–pF
V
EB =0.5 V, VCB =0 V
f =1MHz
Collector grounded


Similar Part No. - BFP650_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650E6327 INFINEON-BFP650E6327 Datasheet
191Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-27-2003
BFP650F INFINEON-BFP650F Datasheet
129Kb / 7P
   NPN Silicon Germanium RF Transistor
2007-08-09
BFP650F INFINEON-BFP650F Datasheet
556Kb / 7P
   Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
BFP650F INFINEON-BFP650F_13 Datasheet
556Kb / 7P
   Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
BFP650H6327 INFINEON-BFP650H6327 Datasheet
1Mb / 29P
   High Linearity Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-13
More results

Similar Description - BFP650_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP750 INFINEON-BFP750_15 Datasheet
1Mb / 29P
   High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.1, 2015-01-14
BFP750 INFINEON-BFP750 Datasheet
1Mb / 27P
   High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.0, 2010-10-22
BFP450 INFINEON-BFP450_10 Datasheet
1Mb / 27P
   High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
BFP620F INFINEON-BFP620F_13 Datasheet
629Kb / 9P
   Low Noise SiGe:C Bipolar RF Transistor
2013-09-09
BFP620 INFINEON-BFP620_13 Datasheet
665Kb / 10P
   Low Noise SiGe:C Bipolar RF Transistor
2013-09-13
BFP650F INFINEON-BFP650F_13 Datasheet
556Kb / 7P
   Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
logo
NXP Semiconductors
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
   General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
   General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
logo
Advanced Semiconductor
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
   Silicon NPN Transistor High Frequency, Low Noise RF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com