Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4161V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK4161V
Description  AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4161V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK4161V Datasheet HTML 1Page - Sanyo Semicon Device STK4161V Datasheet HTML 2Page - Sanyo Semicon Device STK4161V Datasheet HTML 3Page - Sanyo Semicon Device STK4161V Datasheet HTML 4Page - Sanyo Semicon Device STK4161V Datasheet HTML 5Page - Sanyo Semicon Device STK4161V Datasheet HTML 6Page - Sanyo Semicon Device STK4161V Datasheet HTML 7Page - Sanyo Semicon Device STK4161V Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STK4161V
No. 2135—3/8
Sample Application Circuit
Sample Printed Circuit Pattern for Application Circuit (Cu-foiled side)
Input voltage, Vi - mV
Output power, PO - W


Similar Part No. - STK4161V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
119Kb / 1P
   2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
More results

Similar Description - STK4161V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4151V SANYO-STK4151V Datasheet
379Kb / 5P
   AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
STK4201V SANYO-STK4201V Datasheet
147Kb / 3P
   AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com