Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMQ613-01 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPMQ613-01
Description  600V, 200A FAST SWITCHING IGBT HALF BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPMQ613-01 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPMQ613-01 Datasheet HTML 1Page - Solid States Devices, Inc SPMQ613-01 Datasheet HTML 2Page - Solid States Devices, Inc SPMQ613-01 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0027A
DOC
SPMQ613-01
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ELECTRICAL CHARACTERISTICS
3/
SYMBOL
MIN
TYP
MAX
UNIT
Collector - Emitter Breakdown Voltage
(ICES = 250μA, VGE = 0V)
BVCES
600
670
––
V
Gate - Emitter Threshold Voltage
(IC = 0.25mA, VCE = VGE)
TA= 25
oC
TA= 125
oC
TA= -55
oC
VGE(th)
2.5
-
-
5.2
5.0
6.0
6
-
-
V
Collector - Emitter Saturation Voltage
IC = 100A @ 25
oC
IC = 150A @ 25
oC
IC = 200A @ 25
oC
IC = 300A @ 25
oC
IC = 100A @ 125
oC
IC = 200A @ 125
oC
IC = 300A @ 125
oC
IC = 100A @ -55
oC
IC = 200A @ -55
oC
IC = 300A @ -55
oC
VCE(on)
––
––
1.70
2.15
2.35
3.00
1.65
2.20
2.70
1.70
2.25
2.90
2.4
-
-
-
2.2
-
-
-
-
-
V
Gate - Emitter Leakage Current
(VGE = ±20V, VCE = 0V)
TA= 25
oC
TA= 125
oC
TA= -55
oC
IGES
––
0.01
0.05
0.005
1.0
10
-
μA
Collector Leakage Current
(VCE = 600 V, VGE = 0V)
TA= 25
oC
TA= 125
oC
TA= -55
oC
ICES1
ICES2
ICES3
––
––
––
25
7
2.5
200
––
-
μA
mA
μA
Forward Transconductance
(IC = IC2, VCE = 10V)
gfs
20
––
––
S
Gate Charge
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VGE = 15V
IC = 10A
VCE = 300V
Qg(on)
Qge
Qgc
––
––
––
575
70
320
650
150
370
nC
Capacitance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1 MHz
Cies
Coes
Cres
––
––
––
84001
400
600
10,000
2,000
1,000
pF
Resistive Switching
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
VCC = 300V
VGE = 15V
IC = 40A
td(on)
tr
td(off)
tf
––
––
––
––
150
550
550
2000
-
-
-
-
nsec
Inductive Switching
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
VCC = 300V
VGE = 15V
IC = 45A
RG = 10Ω
L = 100µH
td(on)
tr
td(off)
tf
––
––
––
––
150
140
600
300
500
175
1000
500
nsec
ANTI-PARALLEL DIODE
Peak Current
Ipk
––
––
200
A
Peak Inverse Voltage
PIV
––
––
600
V
Average Current
Iavg
––
––
100
A
Diode Forward Voltage @ IF=100A, TJ=25
oC
IF= 100A, TA= 25
oC
IF= 300A, TA= 25
oC
IF= 300A, TA= -55
oC
IF= 300A, TA= 125
oC
VF
––
1.1
1.6
1.8
1.4
1.5
-
-
-
V
Reverse Recovery Time (If=40A, di/dt=200A/µsec)
trr
––
200
2000
nsec


Similar Part No. - SPMQ613-01

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMQ613-02 SSDI-SPMQ613-02 Datasheet
148Kb / 3P
   600V, 400A FAST SWITCHING IGBT HALF BRIDGE
More results

Similar Description - SPMQ613-01

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMQ613-02 SSDI-SPMQ613-02 Datasheet
148Kb / 3P
   600V, 400A FAST SWITCHING IGBT HALF BRIDGE
logo
Nihon Inter Electronics...
PBMB200A6 NIEC-PBMB200A6 Datasheet
111Kb / 3P
   IGBT MODULE H-Bridge 200A 600V
PBMB200E6 NIEC-PBMB200E6 Datasheet
328Kb / 4P
   Full Bridge IGBT Module 200A/600V
logo
Fuji Electric
7MBP200RA060 FUJI-7MBP200RA060 Datasheet
373Kb / 8P
   IGBT-IPM(600V/200A)
logo
MacMic
MMG200HB060H6EN MACMIC-MMG200HB060H6EN Datasheet
460Kb / 6P
   600V 200A IGBT Module
MMG200S060B6TC MACMIC-MMG200S060B6TC Datasheet
358Kb / 6P
   600V 200A IGBT Module
logo
AG Electronica
GT30J127 AGELECTRONICA-GT30J127 Datasheet
226Kb / 2P
   MOSFET 600V 200A IGBT
logo
MacMic
MMG200S060DE6EN MACMIC-MMG200S060DE6EN Datasheet
279Kb / 5P
   600V 200A IGBT Module
MMG200HB060B6EN MACMIC-MMG200HB060B6EN Datasheet
356Kb / 6P
   600V 200A IGBT Module
MMG200S060B6EN MACMIC-MMG200S060B6EN Datasheet
277Kb / 5P
   600V 200A IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com