Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG3123 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BG3123
Description  DUAL N-Channel MOSFET Tetrode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BG3123 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BG3123 Datasheet HTML 1Page - Infineon Technologies AG BG3123 Datasheet HTML 2Page - Infineon Technologies AG BG3123 Datasheet HTML 3Page - Infineon Technologies AG BG3123 Datasheet HTML 4Page - Infineon Technologies AG BG3123 Datasheet HTML 5Page - Infineon Technologies AG BG3123 Datasheet HTML 6Page - Infineon Technologies AG BG3123 Datasheet HTML 7Page - Infineon Technologies AG BG3123 Datasheet HTML 8Page - Infineon Technologies AG BG3123 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2007-04-26
1
BG3123...
1
6
2
3
5
4
DUAL N-Channel MOSFET Tetrode
• Two gain controlled input stages for UHF
and VHF -tuners e.g. (NTSC, PAL)
• Optimized for UHF (amp. B) and VHF (amp. A)
• Integrated gate protection diodes
• High AGC-range, low noise figure, high gain
• Improved cross modulation at gain reduction
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
BG3123
BG3123R
G2
G1
GND
AGC
RF
Input
Drain
RF Output
+ DC
VGG
RG1
)
*
"
#
$

!
1
23
4
5
6
B
A
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Package
Pin Configuration
Marking
BG3123
BG3123R
SOT363
SOT363
1=G1*
1=G1*
2=G2
2=S
3=D*
3=D*
4=D**
4=D**
5=S
5=G2
6=G1**
6=G1**
KOs
KRs
* For amp. A; ** for amp. B
180° rotated tape loading orientation available


Similar Part No. - BG3123

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BG3123 INFINEON-BG3123 Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3123R INFINEON-BG3123R Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
More results

Similar Description - BG3123

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BG3130 INFINEON-BG3130_07 Datasheet
88Kb / 10P
   DUAL N-Channel MOSFET Tetrode
2007-06-01
BG5412K INFINEON-BG5412K Datasheet
567Kb / 13P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG5130R INFINEON-BG5130R Datasheet
203Kb / 10P
   DUAL - N-Channel MOSFET Tetrode
2006-04-13
BG3123 INFINEON-BG3123 Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3430R INFINEON-BG3430R Datasheet
548Kb / 11P
   DUAL N-Channel MOSFET Tetrode
2009-10-01
BG5120K INFINEON-BG5120K Datasheet
562Kb / 10P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG3130 INFINEON-BG3130 Datasheet
168Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3230 INFINEON-BG3230 Datasheet
150Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3140 INFINEON-BG3140 Datasheet
168Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
logo
New Jersey Semi-Conduct...
68380 NJSEMI-68380 Datasheet
106Kb / 1P
   N-Channel, Dual-Gate Tetrode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com