Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG3430R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BG3430R
Description  DUAL N-Channel MOSFET Tetrode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BG3430R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BG3430R Datasheet HTML 2Page - Infineon Technologies AG BG3430R Datasheet HTML 3Page - Infineon Technologies AG BG3430R Datasheet HTML 4Page - Infineon Technologies AG BG3430R Datasheet HTML 5Page - Infineon Technologies AG BG3430R Datasheet HTML 6Page - Infineon Technologies AG BG3430R Datasheet HTML 7Page - Infineon Technologies AG BG3430R Datasheet HTML 8Page - Infineon Technologies AG BG3430R Datasheet HTML 9Page - Infineon Technologies AG BG3430R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2009-10-01
6
BG3430R
Total power dissipation Ptot = ƒ(TS)
amp. A = amp. B
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Drain current ID = ƒ(IG1)
VG2S = 4V
amp. A
0
10
20
30
40
50
60
70
80 µA 100
IG1
0
4
8
12
16
20
24
mA
32
Output characteristics ID = ƒ(VDS)
amp. A = amp. B
0
2
4
6
8
10
V
13
Vd
0
2
4
6
8
10
12
14
16
18
20
22
24
mA
28
1.5V
1.4V
1.3V
1.2V
1.1V
1.0V
Gate 1 current IG1 = ƒ(VG1S)
VDS = 5V, VG2S = Parameter
amp. A
0
0.4
0.8
1.2
1.6
2
2.4
V
3.2
Vg1
0
20
40
60
80
100
120
140
160
180
200
µA
240
4V
3.5V
3V
2.5V
2V


Similar Part No. - BG3430R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
Cooper Bussmann, Inc.
BG3011B COOPER-BG3011B Datasheet
258Kb / 3P
   Open fuse blocks
BG3011PQ COOPER-BG3011PQ Datasheet
258Kb / 3P
   Open fuse blocks
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
   Open fuse blocks
BG3012B COOPER-BG3012B Datasheet
258Kb / 3P
   Open fuse blocks
More results

Similar Description - BG3430R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BG3130 INFINEON-BG3130_07 Datasheet
88Kb / 10P
   DUAL N-Channel MOSFET Tetrode
2007-06-01
BG5412K INFINEON-BG5412K Datasheet
567Kb / 13P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG5130R INFINEON-BG5130R Datasheet
203Kb / 10P
   DUAL - N-Channel MOSFET Tetrode
2006-04-13
BG3123 INFINEON-BG3123 Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG5120K INFINEON-BG5120K Datasheet
562Kb / 10P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG3130 INFINEON-BG3130 Datasheet
168Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3230 INFINEON-BG3230 Datasheet
150Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3140 INFINEON-BG3140 Datasheet
168Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3123 INFINEON-BG3123_07 Datasheet
102Kb / 12P
   DUAL N-Channel MOSFET Tetrode
2007-04-26
logo
New Jersey Semi-Conduct...
68380 NJSEMI-68380 Datasheet
106Kb / 1P
   N-Channel, Dual-Gate Tetrode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com