Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG3430R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BG3430R
Description  DUAL N-Channel MOSFET Tetrode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BG3430R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BG3430R Datasheet HTML 3Page - Infineon Technologies AG BG3430R Datasheet HTML 4Page - Infineon Technologies AG BG3430R Datasheet HTML 5Page - Infineon Technologies AG BG3430R Datasheet HTML 6Page - Infineon Technologies AG BG3430R Datasheet HTML 7Page - Infineon Technologies AG BG3430R Datasheet HTML 8Page - Infineon Technologies AG BG3430R Datasheet HTML 9Page - Infineon Technologies AG BG3430R Datasheet HTML 10Page - Infineon Technologies AG BG3430R Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2009-10-01
9
BG3430R
Crossmodulation test circuit
RG1
4n7
4n7
RL
50
50
R
GEN
50
V
GG
R1
10k
V
AGC
V
DS
4n7
4n7
2.2 uH
Semibiased
4n7
4n7
RL
50
50
R
GEN
50
R1
10k
V
AGC
V
DS
4n7
4n7
2.2 uH
fullbiased


Similar Part No. - BG3430R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
Cooper Bussmann, Inc.
BG3011B COOPER-BG3011B Datasheet
258Kb / 3P
   Open fuse blocks
BG3011PQ COOPER-BG3011PQ Datasheet
258Kb / 3P
   Open fuse blocks
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
   Open fuse blocks
BG3012B COOPER-BG3012B Datasheet
258Kb / 3P
   Open fuse blocks
More results

Similar Description - BG3430R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BG3130 INFINEON-BG3130_07 Datasheet
88Kb / 10P
   DUAL N-Channel MOSFET Tetrode
2007-06-01
BG5412K INFINEON-BG5412K Datasheet
567Kb / 13P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG5130R INFINEON-BG5130R Datasheet
203Kb / 10P
   DUAL - N-Channel MOSFET Tetrode
2006-04-13
BG3123 INFINEON-BG3123 Datasheet
183Kb / 8P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG5120K INFINEON-BG5120K Datasheet
562Kb / 10P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG3130 INFINEON-BG3130 Datasheet
168Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3230 INFINEON-BG3230 Datasheet
150Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3140 INFINEON-BG3140 Datasheet
168Kb / 6P
   DUAL N-Channel MOSFET Tetrode
Feb-27-2004
BG3123 INFINEON-BG3123_07 Datasheet
102Kb / 12P
   DUAL N-Channel MOSFET Tetrode
2007-04-26
logo
New Jersey Semi-Conduct...
68380 NJSEMI-68380 Datasheet
106Kb / 1P
   N-Channel, Dual-Gate Tetrode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com