Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA420 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA420
Description  Si-MMIC-Amplifier in SIEGET 25-Technologie
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA420 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA420 Datasheet HTML 1Page - Infineon Technologies AG BGA420 Datasheet HTML 2Page - Infineon Technologies AG BGA420 Datasheet HTML 3Page - Infineon Technologies AG BGA420 Datasheet HTML 4Page - Infineon Technologies AG BGA420 Datasheet HTML 5Page - Infineon Technologies AG BGA420 Datasheet HTML 6Page - Infineon Technologies AG BGA420 Datasheet HTML 7Page - Infineon Technologies AG BGA420 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2007-07-12
5
BGA420
Insertion power gain |S21|2 = f (f)
VD = 3 V
TA = parameter
10
-1
10
0
10
1
GHz
f
0
2
4
6
8
10
12
14
16
18
dB
22
TA=-20°C
TA=+25°C
TA=+75°C
Insertion power gain |S21|2 = f (f)
VD, ID = parameter
10
-1
10
0
10
1
GHz
f
0
5
10
15
dB
25
VD=5V, ID=12.4mA
VD=4V, ID=9.4mA
VD=3V, ID=6.4mA
VD=2V, ID=3,4mA
Noise figure NF = f (f)
VD,ID = parameter
10
-1
10
0
10
1
GHz
f
0
1
2
3
dB
5
VD=5V, ID=12.4mA
VD=3V, ID=6.4mA
Noise figure NF = f (f)
VD = 3V
TA = parameter
10
-1
10
0
10
1
GHz
f
0
0.5
1
1.5
2
2.5
dB
3.5
TA=+75°C
TA=+25°C
TA=-20°C


Similar Part No. - BGA420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
More results

Similar Description - BGA420

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA427 INFINEON-BGA427_07 Datasheet
165Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
logo
Siemens Semiconductor G...
BGA427 SIEMENS-BGA427 Datasheet
35Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)
BGA425 SIEMENS-BGA425 Datasheet
81Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
   LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
   3 V, 900 MHz Si MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com