Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA622 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BGA622
Description  Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA622 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BGA622 Datasheet HTML 4Page - Infineon Technologies AG BGA622 Datasheet HTML 5Page - Infineon Technologies AG BGA622 Datasheet HTML 6Page - Infineon Technologies AG BGA622 Datasheet HTML 7Page - Infineon Technologies AG BGA622 Datasheet HTML 8Page - Infineon Technologies AG BGA622 Datasheet HTML 9Page - Infineon Technologies AG BGA622 Datasheet HTML 10Page - Infineon Technologies AG BGA622 Datasheet HTML 11Page - Infineon Technologies AG BGA622 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
8
Rev. 2.2, 2008-04-14
BGA622
Electrical Characteristics
Figure 3
Application Circuit for 1800 - 2500 MHz
BGA622_Application_Circuit.vsd
DC,
2.75V
150pF
Out
In
2.2nH (for improved input match)
47pF (DC-Block)
DC,
2.75V
RFC
On/Off
Switch
47pF (DC-Block)


Similar Part No. - BGA622

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA622 INFINEON-BGA622 Datasheet
81Kb / 9P
   Silicon Germanium Wide Band Low Noise Amplifier
2002-09-13
BGA622GPS INFINEON-BGA622GPS Datasheet
110Kb / 6P
   GPS Low Noise Amplifier using BGA622
2002-02-07
BGA622L7 INFINEON-BGA622L7 Datasheet
379Kb / 10P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
More results

Similar Description - BGA622

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA622L7 INFINEON-BGA622L7 Datasheet
379Kb / 10P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA628L7 INFINEON-BGA628L7 Datasheet
1Mb / 16P
   Silicon Germanium Wide Band Low Noise Amplifier
Revision 1.1, 2009-12-17
BGA622 INFINEON-BGA622 Datasheet
81Kb / 9P
   Silicon Germanium Wide Band Low Noise Amplifier
2002-09-13
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
Renesas Technology Corp
UPC3242TB RENESAS-UPC3242TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com