Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA713L7 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGA713L7
Description  Single-Band UMTS LNA (700, 800 MHz)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA713L7 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGA713L7 Datasheet HTML 6Page - Infineon Technologies AG BGA713L7 Datasheet HTML 7Page - Infineon Technologies AG BGA713L7 Datasheet HTML 8Page - Infineon Technologies AG BGA713L7 Datasheet HTML 9Page - Infineon Technologies AG BGA713L7 Datasheet HTML 10Page - Infineon Technologies AG BGA713L7 Datasheet HTML 11Page - Infineon Technologies AG BGA713L7 Datasheet HTML 12Page - Infineon Technologies AG BGA713L7 Datasheet HTML 13Page - Infineon Technologies AG BGA713L7 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
BGA713L7
Single-Band UMTS LNA (700, 800 MHz)
Electrical Characteristics
Data Sheet
10
Revision 3.0, 2010-10-04
2.4
DC Characteristics
2.5
Band Select / Gain Control Truth Table
2.6
Switching Time
Table 4
DC Characteristics,
T
A =25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
2.6
2.8
3.0
V
Supply current high gain
mode
I
CCHG
–4.8
mA
Supply current low gain
mode
I
CCLG
–0.50
mA
Supply current standby
mode
I
CCOFF
–0.1
µA–
Logic level high
V
HI
1.5
2.8
V
All logic pins
Logic level low
V
LO
–0.0
0.5
V
Logic currents
I
HI
–5.0
µA
All logic pins
I
LO
–0.1
µA
Table 5
Truth Table
Control Voltage
State
Bands XII, XIII, XIV, XVII and XX
VEN
VGS
HG
LG
HL
OFF
ON
H
H
ON
OFF
L
L
STANDBY1)
1) In order to achieve minimum standby current it is encouraged to apply logic low-level at the VGS pin in standby mode
although this is not mandatory.
LH
Table 6
Typical switching times;
T
A = -30 ... 85 °C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Settling time gainstep
t
GS
–1
µs
Switching LG
↔ HG


Similar Part No. - BGA713L7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7130 NXP-BGA7130 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Infineon Technologies A...
BGA713N7 INFINEON-BGA713N7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.1, 2013-01-31
More results

Similar Description - BGA713L7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA713N7 INFINEON-BGA713N7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.1, 2013-01-31
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
   Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
BGA777N7 INFINEON-BGA777N7 Datasheet
1Mb / 35P
   Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
BGA734L16 INFINEON-BGA734L16 Datasheet
774Kb / 31P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
V1.0, January 2008
BGA734L16 INFINEON-BGA734L16_11 Datasheet
1Mb / 39P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16
BGA735N16 INFINEON-BGA735N16 Datasheet
2Mb / 33P
   High Linearity Tri-Band LTE/UMTS LNA (2600/2300/2100, 1900/1800, 900/800/700 MHz)
Revision 3.8, 2010-12-23
BGA748L16 INFINEON-BGA748L16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.2, 2010-06-18
BGA748N16 INFINEON-BGA748N16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.0, 2010-11-08
BGA711L7 INFINEON-BGA711L7 Datasheet
714Kb / 23P
   Low Power Single-Band UMTS LNA
V3.2, May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com