Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1500ATL Datasheet(PDF) 1 Page - Semikron International

Part # P1500ATL
Description  Standard silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

P1500ATL Datasheet(HTML) 1 Page - Semikron International

  P1500ATL Datasheet HTML 1Page - Semikron International P1500ATL Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Standard silicon rectifier
diodes
P 1500 ATL ... P1500 STL
Forward Current: 15 A
Reverse Voltage: 50 to 1200 V
Preliminary Data
Features
Mechanical Data
1)
2)
3)
4)
5)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
P 1500 ATL ... P1500 STL
1
16-05-2011 MAM
© by SEMIKRON


Similar Part No. - P1500ATL

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
P1500 YAMAHA-P1500 Datasheet
7Mb / 37P
   POWER AMPLIFIERS
logo
Tripp Lite. All Rights ...
P150000 TRIPPLITE-P150000 Datasheet
495Kb / 2P
   Compact-Slimline DB9 Coupler Gender Changer (F-F)
logo
UN Semiconducctor INC
P1500DM UNSEMI-P1500DM Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Littelfuse
P1500E LITTELFUSE-P1500E Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
Shanghai Yint Electroni...
P1500E YINT-P1500E Datasheet
591Kb / 4P
   Thyristor Surge Suppressors (TSS)
More results

Similar Description - P1500ATL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
SM5400 SEMIKRON-SM5400 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
EM513 SEMIKRON-EM513_06 Datasheet
134Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059_06 Datasheet
133Kb / 2P
   Standard silicon rectifier diodes
BY226S SEMIKRON-BY226S_06 Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059 Datasheet
129Kb / 2P
   Standard silicon rectifier diodes
S1A SEMIKRON-S1A Datasheet
111Kb / 2P
   Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A_11 Datasheet
453Kb / 2P
   Standard silicon rectifier diodes
P2500ATL SEMIKRON-P2500ATL Datasheet
452Kb / 2P
   Standard silicon rectifier diodes
P1200A SEMIKRON-P1200A_10 Datasheet
443Kb / 2P
   Standard silicon rectifier diodes
P600A SEMIKRON-P600A Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com