Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA915N7 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BGA915N7
Description  Silicon Germanium GPS Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA915N7 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BGA915N7 Datasheet HTML 2Page - Infineon Technologies AG BGA915N7 Datasheet HTML 3Page - Infineon Technologies AG BGA915N7 Datasheet HTML 4Page - Infineon Technologies AG BGA915N7 Datasheet HTML 5Page - Infineon Technologies AG BGA915N7 Datasheet HTML 6Page - Infineon Technologies AG BGA915N7 Datasheet HTML 7Page - Infineon Technologies AG BGA915N7 Datasheet HTML 8Page - Infineon Technologies AG BGA915N7 Datasheet HTML 9Page - Infineon Technologies AG BGA915N7 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BGA915N7
List of Tables
Data Sheet
6
Revision 4.0, 2011-03-23
Table 1
Pin Definition and Function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 2
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 3
Thermal Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 4
Electrical Characteristics:
T
A = 25 °C, VCC = 2.8 V, VPON,ON = 2.8 V, VPON,OFF = 0 V,
f = 1550 - 1615 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5
Electrical Characteristics:
T
A = 25 °C, VCC = 1.8 V, VPON,ON = 1.8 V, VPON,OFF = 0 V,
f = 1550 - 1615 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 6
Bill of Materials . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
List of Tables


Similar Part No. - BGA915N7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA924N6 INFINEON-BGA924N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier for Global Navigation Satellite Systems
Revision 3.0, 2014-01-24
BGA925L6 INFINEON-BGA925L6 Datasheet
1Mb / 16P
   Silicon Germanium GNSS Low Noise Amplifier
Revision 3.0, 2012-01-13
BGA9H1BN6 INFINEON-BGA9H1BN6 Datasheet
646Kb / 12P
   Highband High Performance LNA with Power-Save-Mode
Revision 2.0
BGA9H1MN9 INFINEON-BGA9H1MN9 Datasheet
663Kb / 21P
   Mid- and High-Band Low Noise Amplifier with Gain Steps and MIPI Control
Revision 2.0 2021-05-06
BGA9H1MN9E6329XTSA1 INFINEON-BGA9H1MN9E6329XTSA1 Datasheet
663Kb / 21P
   Mid- and High-Band Low Noise Amplifier with Gain Steps and MIPI Control
Revision 2.0 2021-05-06
More results

Similar Description - BGA915N7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
BGA715L7 INFINEON-BGA715L7 Datasheet
342Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.2.1, October 2009
BGA231L7 INFINEON-BGA231L7 Datasheet
1Mb / 14P
   Silicon Germanium GPS Low Noise Amplifier
Revision 3.0, 2011-04-20
BGA715L7E6327 INFINEON-BGA715L7E6327 Datasheet
342Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.2.1, October 2009
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com